Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9352 Datasheet (PDF) - Texas Instruments

TLV9352 Datasheet PDF - Texas Instruments
Part # TLV9352
Download  TLV9352 Download
File Size   4165.73 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems

TLV9352 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9352 Datasheet PDF - Texas Instruments

Part # TLV9352
Download  TLV9352 Click to download

File Size   4165.73 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems

TLV9352 Datasheet (HTML) - Texas Instruments


TLV9352 Product details

1 Features
• Low offset voltage: ±350 μV
• Low offset voltage drift: ±1.5 μV/°C
• Low noise: 15 nV/√Hz at 1 kHz
• High common-mode rejection: 110 dB
• Low bias current: ±10 pA
• Rail-to-rail output
• MUX-friendly/comparator inputs
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Wide bandwidth: 3.5-MHz GBW
• High slew rate: 20 V/μs
• Low quiescent current: 600 μA per amplifier
• Wide supply: ±2.25 V to ±20 V, 4.5 V to 40 V
• Robust EMIRR performance: EMI/RFI filters on
input pins
• Differential and common-mode input voltage range
to supply rail

2 Applications
• AC and motor drive servo control module
• AC and motor drive power stage module
• Test and measurement equipment
• Programmable logic controllers

3 Description
The TLV935x family (TLV9351, TLV9352, and
TLV9354) is a family of 40-V cost-optimized
operational amplifiers.
These devices offer strong DC and AC specifications,
including rail-to-rail output, low offset (±350 μV,
typical), low offset drift (±1.5 μV/°C, typical), and 3.5-
MHz bandwidth.
Unique features such as differential input-voltage
range to the supply rail, high output current (±60
mA), and high slew rate (20 V/μs) make the TLV935x
a robust operational amplifier for high-voltage, costsensitive
applications.
The TLV935x family of op amps is available in
standard packages and is specified from –40°C to
125°C.




Similar Part No. - TLV9352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9352 TI1-TLV9352 Datasheet
963Kb / 34P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI1-TLV9352 Datasheet
2Mb / 45P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352 Datasheet
3Mb / 52P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352 Datasheet
3Mb / 51P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352 Datasheet
3Mb / 53P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
More results


Similar Description - TLV9352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9352 TI1-TLV9352 Datasheet
963Kb / 34P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI1-TLV9352_V01 Datasheet
2Mb / 45P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352_V02 Datasheet
3Mb / 52P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351 Datasheet
3Mb / 51P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351_V01 Datasheet
3Mb / 53P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9354-Q1 TI-TLV9354-Q1 Datasheet
2Mb / 37P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9352-Q1 TI-TLV9352-Q1 Datasheet
2Mb / 41P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9352-Q1 TI-TLV9352-Q1_V01 Datasheet
2Mb / 44P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351_V02 Datasheet
4Mb / 59P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351_V03 Datasheet
4Mb / 63P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
JANUARY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com