Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9102IDDFR Datasheet (PDF) - Texas Instruments

TLV9102IDDFR Datasheet PDF - Texas Instruments
Part # TLV9102IDDFR
Download  TLV9102IDDFR Download
File Size   6911.09 Kbytes
Page   91 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp

TLV9102IDDFR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9102IDDFR Datasheet PDF - Texas Instruments

Part # TLV9102IDDFR
Download  TLV9102IDDFR Click to download

File Size   6911.09 Kbytes
Page   91 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp

TLV9102IDDFR Datasheet (HTML) - Texas Instruments


TLV9102IDDFR Product details

1 Features
• Rail-to-rail input and output
• Wide bandwidth: 1.1-MHz GBW
• Low quiescent current: 120 μA per amplifier
• Low offset voltage: ±300 μV
• Low offset voltage drift: ±0.6 μV/°C
• Low noise: 28 nV/√Hz at 10 kHz
• High common-mode rejection: 110 dB
• Low bias current: ±10 pA
• High slew rate: 4.5 V/μs
• Wide supply: ±1.35 V to ±8 V, 2.7 V to 16 V
• Robust EMIRR performance: 77 dB at 1.8 GHz

2 Applications
• Optical modules
• Portable test and measurement
• Macro remote radio unit (RRU)
• Baseband unit (BBU)
• Appliances

3 Description
The TLV910x family (TLV9101, TLV9102, and
TLV9104) is a family of 16-V general purpose
operational amplifiers. This family offers excellent DC
precision and AC performance, including rail-to-rail
input/output, low offset (±300 μV, typ), low offset drift
(±0.6 μV/°C, typ), and 1.1-MHz bandwidth.
Wide differential and common-mode input-voltage
range, high output current (±80 mA, typ), high slew
rate (4.5 V/μs, typ), low power operation (115 μA,
typ) and shutdown functionality make the TLV910x
a robust, low-power, high-performance operational
amplifier for industrial applications.
The TLV910x family of op amps is available in microsize
packages, as well as standard packages, and is
specified from –40°C to 125°C.




Similar Part No. - TLV9102IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9102IDDFR TI1-TLV9102IDDFR Datasheet
4Mb / 66P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9102IDDFR TI-TLV9102IDDFR Datasheet
5Mb / 74P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9102IDDFR TI-TLV9102IDDFR Datasheet
5Mb / 76P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9102IDDFR TI-TLV9102IDDFR Datasheet
5Mb / 79P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9102IDDFR TI-TLV9102IDDFR Datasheet
6Mb / 81P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
AUGUST 2021
More results


Similar Description - TLV9102IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9101 TI1-TLV9101 Datasheet
896Kb / 32P
16-V, 1.25-MHz, rail-to-rail input/output, low power op amp
TLV9101 TI1-TLV9101_V01 Datasheet
2Mb / 50P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V02 Datasheet
3Mb / 58P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V03 Datasheet
4Mb / 64P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V04 Datasheet
4Mb / 66P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V05 Datasheet
4Mb / 66P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V06 Datasheet
5Mb / 74P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V07 Datasheet
5Mb / 76P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V08 Datasheet
5Mb / 79P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V09 Datasheet
6Mb / 81P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
AUGUST 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com