Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IDR Datasheet (PDF) - Texas Instruments

TLV9062IDR Datasheet PDF - Texas Instruments
Part # TLV9062IDR
Download  TLV9062IDR Download
File Size   7408.13 Kbytes
Page   97 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems

TLV9062IDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9062IDR Datasheet PDF - Texas Instruments

Part # TLV9062IDR
Download  TLV9062IDR Click to download

File Size   7408.13 Kbytes
Page   97 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems

TLV9062IDR Datasheet (HTML) - Texas Instruments


TLV9062IDR Product details

1 Features
• Rail-to-rail input and output
• Low input offset voltage: ±0.3mV
• Unity-gain bandwidth: 10MHz
• Low broadband noise: 10nV/√ Hz
• Low input bias current: 0.5pA
• Low quiescent current: 538μA
• Unity-gain stable
• Internal RFI and EMI filter
• Operational at supply voltages as low as 1.8V
• Easier to stabilize with higher capacitive load due
to resistive open-loop output impedance
• Shutdown version: TLV906xS
• Extended temperature range: –40°C to 125°C

2 Applications
• E-bikes
• Smoke detectors
• HVAC: heating, ventilating, and air conditioning
• Motor control: AC induction
• Refrigerators
• Wearable devices
• Laptop computers
• Washing machines
• Sensor signal conditioning
• Power modules
• Barcode scanners
• Active Filters
• Low-side current sensing

3 Description
The TLV9061 (single), TLV9062 (dual), and TLV9064
(quad) are single-, dual-, and quad- low-voltage, 1.8V
to 5.5V) operational amplifiers, op amps) with rail-torail
input and output swing capabilities.
These devices are highly cost-effective options for
applications where low-voltage operation, a small
footprint, and high capacitive load drive are required.
Although the capacitive load drive of the TLV906x
is 100pF, the resistive open-loop output impedance
makes stabilizing with higher capacitive loads simpler.
These op amps are designed specifically for lowvoltage
operation (1.8V to 5.5V), with performance
specifications similar to the OPAx316 and TLVx316
devices.
The TLV906xS devices include a shutdown mode that
allow the amplifiers to switch into standby mode with
typical current consumption less than 1μA.
The TLV906xS family helps simplify system design,
because the family is unity-gain stable, integrates the
RFI and EMI rejection filter, and provides no phase
reversal in overdrive condition.
Micro size packages, such as X2SON and X2QFN,
are offered for all the channel variants (single, dual
and quad), along with industry-standard packages,
such as SOIC, MSOP, SOT-23, and TSSOP.




Similar Part No. - TLV9062IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9062IDR TI1-TLV9062IDR Datasheet
345Kb / 22P
10-MHz, RRIO, CMOS Operational Amplifier for Cost-Sensitive Systems
TLV9062IDR TI1-TLV9062IDR Datasheet
1Mb / 30P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IDR TI1-TLV9062IDR Datasheet
3Mb / 41P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IDR TI1-TLV9062IDR Datasheet
3Mb / 43P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IDR TI1-TLV9062IDR Datasheet
3Mb / 45P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results


Similar Description - TLV9062IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9061 TI1-TLV9061_17 Datasheet
1Mb / 30P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_017 TI1-TLV9061_017 Datasheet
3Mb / 41P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_018 TI1-TLV9061_018 Datasheet
3Mb / 45P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1808 TI1-TLV9061_1808 Datasheet
4Mb / 62P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_180825 TI1-TLV9061_180825 Datasheet
4Mb / 65P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1810 TI1-TLV9061_1810 Datasheet
4Mb / 63P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_181025 TI1-TLV9061_181025 Datasheet
4Mb / 66P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1812 TI1-TLV9061_1812 Datasheet
4Mb / 70P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061 TI1-TLV9061_19 Datasheet
5Mb / 75P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061 TI1-TLV9061_V01 Datasheet
5Mb / 79P
TLV906xS 10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com