Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9054IDR Datasheet (PDF) - Texas Instruments

TLV9054IDR Datasheet PDF - Texas Instruments
Part # TLV9054IDR
Download  TLV9054IDR Download
File Size   6432.54 Kbytes
Page   87 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV9051 / TLV9052 / TLV9054 5MHz, 15V/μs High Slew-Rate, RRIO Op Amp

TLV9054IDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9054IDR Datasheet PDF - Texas Instruments

Part # TLV9054IDR
Download  TLV9054IDR Click to download

File Size   6432.54 Kbytes
Page   87 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV9051 / TLV9052 / TLV9054 5MHz, 15V/μs High Slew-Rate, RRIO Op Amp

TLV9054IDR Datasheet (HTML) - Texas Instruments


TLV9054IDR Product details

1 Features
• High slew rate: 15V/μs
• Low quiescent current: 330μA
• Rail-to-rail input and output
• Low input offset voltage: ±0.33mV
• Unity-gain bandwidth: 5MHz
• Low broadband noise: 15nV/√ Hz
• Low input bias current: 2pA
• Unity-gain stable
• Internal RFI and EMI filter
• Scalable family of CMOS op amps for low-cost
applications
• Operational at supply voltages as low as 1.8V
• Extended temperature range: –40°C to 125°C

2 Applications
• HVAC: heating, ventilating, and air conditioning
• Photodiode amplifier
• Current shunt monitoring for DC motor control
• White goods (refrigerators, washing machines, and
so forth)
• Sensor signal conditioning
• Active filters
• Low-side current sensing

3 Description
The TLV9051, TLV9052, and TLV9054 devices
are single, dual, and quad operational amplifiers,
respectively. The devices are designed for low voltage
operation from 1.8V to 6.0V. The inputs and outputs
can operate from rail to rail at a very high slew
rate. These devices are an excellent choice for costconstrained
applications where low-voltage operation,
high slew rate, and low quiescent current is needed.
The capacitive-load drive of the TLV905x family is
150pF, and the resistive open-loop output impedance
makes stabilization easier with much higher capacitive
loads.
The TLV905xS devices include a shutdown mode that
allow the amplifiers to be switched off into a standby
mode with typical current consumption less than 1μA.
The TLV905x family is easy to use due to the devices
being unity-gain stable, including a RFI and EMI filter,
and being free from phase reversal in an overdrive
condition.




Similar Part No. - TLV9054IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9054IDR TI1-TLV9054IDR Datasheet
2Mb / 50P
5-MHz, 15-V/us high slew-rate, RRIO op amp
TLV9054IDR TI1-TLV9054IDR Datasheet
3Mb / 63P
5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
TLV9054IDR TI1-TLV9054IDR Datasheet
4Mb / 70P
5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
TLV9054IDR TI1-TLV9054IDR Datasheet
4Mb / 76P
TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
More results


Similar Description - TLV9054IDR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE538 PHILIPS-NE538 Datasheet
178Kb / 7P
High Slew Rate Op Amp
)ctober 7 1987
logo
AUK corp
S4560 AUK-S4560 Datasheet
299Kb / 4P
Dual high slew rate OP AMP
S4560P AUK-S4560P Datasheet
304Kb / 3P
Dual high slew rate OP AMP
logo
NXP Semiconductors
NE5535 PHILIPS-NE5535 Datasheet
499Kb / 9P
Dual High Slew Rate Op Amp
January 15 1988
logo
KODENSHI_AUK CORP.
S4560 KODENSHI-S4560 Datasheet
196Kb / 4P
Dual high slew rate OP AMP
S4560P KODENSHI-S4560P Datasheet
103Kb / 4P
Dual high slew rate OP AMP
SN4560 KODENSHI-SN4560 Datasheet
149Kb / 5P
Dual high slew rate OP AMP
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
5-MHz, 15-V/us high slew-rate, RRIO op amp
TLV9051_1906 TI1-TLV9051_1906 Datasheet
4Mb / 70P
5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
TLV9051 TI1-TLV9051_V01 Datasheet
4Mb / 76P
TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com