Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1890170 Datasheet (PDF) - PHOENIX CONTACT

1890170 Datasheet PDF - PHOENIX CONTACT
Part # 1890170
Download  1890170 Download
File Size   218.21 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFK3DS 1,5-5,08 KMGY - PCB terminal block

1890170 Datasheet (PDF)

Go To PDF Page Download Datasheet
1890170 Datasheet PDF - PHOENIX CONTACT

Part # 1890170
Download  1890170 Click to download

File Size   218.21 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFK3DS 1,5-5,08 KMGY - PCB terminal block

1890170 Datasheet (HTML) - PHOENIX CONTACT


1890170 Product details

Printed circuit board terminal, nominal current: 12 A, rated voltage (III/2): 400 V, nominal cross
section: 1.5 mm2, number of potentials: 3, number of rows: 3, number of positions per row: 1,
product range: ZFK3DS(A) 1,5, pitch: 5.08 mm, connection method: Spring-cage connection,
mounting: Wave soldering, conductor/PCB connection direction: 45 °, color: light gray, Pin
layout: Linear pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 1, type of
packaging: packed in cardboard. Single module for the custom grouping of different numbers of
positions. An end terminal block is also needed to terminate the block (see accessories).
Blocked items with different numbers of positions are also available




Similar Part No. - 1890170

ManufacturerPart #DatasheetDescription
logo
Theben AG
1890108 THEBEN-1890108 Datasheet
485Kb / 3P
Time and light control Analogue time switches
07/04/2025
logo
Weidmuller
1890120000 WEIDMULLER-1890120000 Datasheet
377Kb / 7P
BLT 5.08HC/15/180LH SN OR BX
logo
PHOENIX CONTACT
1890154 PHOENIX-1890154 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V2-5,08- 7
1890167 PHOENIX-1890167 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V2-5,08- 3
More results


Similar Description - 1890170

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701649 PHOENIX-1701649 Datasheet
98Kb / 4P
PCB terminal block - ZFKKDSA 1,5-5,08-20
1704415 PHOENIX-1704415 Datasheet
103Kb / 5P
PCB terminal block - ZFK3DS 1,5-5,08
1706753 PHOENIX-1706753 Datasheet
154Kb / 8P
PCB terminal block - MKDSN 1,5/15-5,08
1730197 PHOENIX-1730197 Datasheet
59Kb / 5P
PCB terminal block - PT 1,5/ 5-5,0-H KMGY
1730207 PHOENIX-1730207 Datasheet
59Kb / 5P
PCB terminal block - PT 1,5/ 7-5,0-H KMGY
1730210 PHOENIX-1730210 Datasheet
59Kb / 5P
PCB terminal block - PT 1,5/ 8-5,0-H KMGY
1868788 PHOENIX-1868788 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DSA 1,5-6,08 KMGY
1890442 PHOENIX-1890442 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DS 1,5-5,08 BK(BC)
1907937 PHOENIX-1907937 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DS 1,5-5,08 BK
1986848 PHOENIX-1986848 Datasheet
58Kb / 5P
PCB terminal block - SMKDSP 1,5/ 2 KMGY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com