Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1900510 Datasheet (PDF) - PHOENIX CONTACT

1900510 Datasheet PDF - PHOENIX CONTACT
Part # 1900510
Download  1900510 Download
File Size   852.27 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 7-ST-3,5 BD:1-7 - PCB connector

1900510 Datasheet (PDF)

Go To PDF Page Download Datasheet
1900510 Datasheet PDF - PHOENIX CONTACT

Part # 1900510
Download  1900510 Click to download

File Size   852.27 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 7-ST-3,5 BD:1-7 - PCB connector

1900510 Datasheet (HTML) - PHOENIX CONTACT


1900510 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 7,
number of rows: 1, number of positions: 7, number of connections: 7, product range: MC 1,5/..-
ST, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking:
without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1900510

ManufacturerPart #DatasheetDescription
logo
Heyco.
19005 HEYCO-19005 Datasheet
152Kb / 2P
Snap Rivets
logo
MolexKits
19005-0001 MOLEXKITS-19005-0001 Datasheet
38Kb / 2P
.250 Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
19005-0001 MOLEXKITS-19005-0001 Datasheet
38Kb / 2P
.250Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
19005-0005 MOLEXKITS-19005-0005 Datasheet
40Kb / 4P
Assorted PVC Insulated Quick Disconnect, Ring, Spade, Butt Splice and Multi-Lock Terminals.
19005-0005 MOLEXKITS-19005-0005 Datasheet
38Kb / 2P
.250 Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
More results


Similar Description - 1900510

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1967090 PHOENIX-1967090 Datasheet
51Kb / 3P
Printed-circuit board connector - FMC 1,5/ 7-ST-3,5 BK BD:1-7
1882609 PHOENIX-1882609 Datasheet
60Kb / 5P
Printed-circuit board connector - MC 1,5/ 7-ST-3,81 BD:1-7
1949322 PHOENIX-1949322 Datasheet
84Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-ST-3,5 BK BD:1-7
1875315 PHOENIX-1875315 Datasheet
90Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-ST-3,5 BD:NZBOSCH
11/05/2018
1840418 PHOENIX-1840418 Datasheet
874Kb / 15P
PCB connector - MC 1,5/ 7-ST-3,5
Jul 20, 2022
1862904 PHOENIX-1862904 Datasheet
357Kb / 11P
PCB connector - MCVW 1,5/ 7-ST-3,5
Jan 3, 2023
1790535 PHOENIX-1790535 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 7-ST-3,5-LR
Jan 4, 2023
1847107 PHOENIX-1847107 Datasheet
761Kb / 14P
PCB connector - MC 1,5/ 7-STF-3,5
Jan 3, 2023
1939960 PHOENIX-1939960 Datasheet
728Kb / 16P
PCB connector - FK-MCP 1,5/ 7-ST-3,5
Nov 30, 2022
1464110 PHOENIX-1464110 Datasheet
696Kb / 17P
XPC 1,5/ 7-ST-3,5 BK - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com