Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS181IRGZR Datasheet (PDF) - Texas Instruments

TMDS181IRGZR Datasheet PDF - Texas Instruments
Part # TMDS181IRGZR
Download  TMDS181IRGZR Download
File Size   2164.09 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMDS181x 6 Gbps TMDS Retimer

TMDS181IRGZR Datasheet (PDF)

Go To PDF Page Download Datasheet
TMDS181IRGZR Datasheet PDF - Texas Instruments

Part # TMDS181IRGZR
Download  TMDS181IRGZR Click to download

File Size   2164.09 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMDS181x 6 Gbps TMDS Retimer

TMDS181IRGZR Datasheet (HTML) - Texas Instruments


TMDS181IRGZR Product details

1 Features
1• HDMI™ Input Port to Output Port With CDR
Supporting Up to 6 Gbps Data Rates
• Compatible With HDMI™ Electrical Parameters
Up to 6 Gbps in Retimer Mode
• Support 4k2k60p and Up to WUXGA 16-Bit Color
Depth or 1080p With Higher Refresh Rates
• Retimes Input Stream to Compensate for Random
Jitter
• Adaptive Receiver Equalizer or Programmable
Fixed Equalizer
• I2C and Pin Strap Programmable
• Inter-Pair Skew Compensation of 5+ Bits
• Single-Ended Mode ARC Support
• Link Debug Tools Including Eye Diagram After the
RX Equalizer
• 48-Pin 7-mm × 7-mm 0.5-mm Pitch VQFN
Package
• Extended Commercial Temperature Support 0°C
to 85°C (TMDS181)
• Industrial Temperature Support: –40°C to 85°C
(TMDS181I)

2 Applications
• Digital TV
• Digital Projector
• Audio/Video Equipment
• Blu-ray™ DVD
• Monitors
• Desktops/ All-in-Ones
• Active Cables

3 Description
The TMDS181x is a digital video interface (DVI) or
high-definition multimedia interface (HDMI™) retimer.
The TMDS181x supports four TMDS channels, audio
return channel (SPDIF_IN/ARC_OUT), and digital
display control (DDC) interfaces. The TMDS181x
supports signaling rates up to 6 Gbps to allow for the
highest resolutions of 4k2k60p 24 bits per pixel and
up to WUXGA 16-bit color depth or 1080p with higher
refresh rates. The TMDS181x can be configured to
support the HDMI2.0a standard. The TMDS181x
automatically configures itself as a redriver at low
data rate (<1.0 Gbps) or as a retimer above this data
rate. Redriver mode supports HDMI1.4b with data
rates up to 3.4 Gbps
The TMDS181x supports dual power supply rails of
1.2 V on VDD and 3.3 V on VCC for power reduction.
Several methods of power management are
implemented to reduce overall power consumption.
TMDS181x supports fixed receive EQ gain or
adaptive receive EQ control by I2C or pin strap to
compensate for different lengths input cable or board
traces.




Similar Part No. - TMDS181IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181IRGZR TI1-TMDS181IRGZR Datasheet
1Mb / 58P
TMDS181x 6 Gbps TMDS Retimer
TMDS181IRGZR TI1-TMDS181IRGZR Datasheet
1Mb / 59P
6 Gbps TMDS Retimer
More results


Similar Description - TMDS181IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
25 Gbps Multi-Rate 4-Channel Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
3.4 Gbps DP to HDMI Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
TMDS181x 6 Gbps TMDS Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
12.5 to 15 Gbps 16-Channel Retimer
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
6 Gbps TMDS Retimer
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
6-Gbps, AC-Coupled to TMDS or HDMI Redriver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com