Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS442PNP.B Datasheet (PDF) - Texas Instruments

TMDS442PNP.B Datasheet PDF - Texas Instruments
Part # TMDS442PNP.B
Download  TMDS442PNP.B Download
File Size   1912.47 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-TO-2 DVI/HDMI SWITCH

TMDS442PNP.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TMDS442PNP.B Datasheet PDF - Texas Instruments

Part # TMDS442PNP.B
Download  TMDS442PNP.B Click to download

File Size   1912.47 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-TO-2 DVI/HDMI SWITCH

TMDS442PNP.B Datasheet (HTML) - Texas Instruments


TMDS442PNP.B Product details

FEATURES
2· A 4-to-2 Single-Link or 2-to-1 Dual-Link
DVI/HDMI Physical Layer Switch
· Compatible with HDMI 1.3a
· Supports 2.25 Gbps Signaling Rate for 480i/p,
720i/p, and 1080i/p Resolutions up to 12-Bit
Color Depth
· Integrated Receiver Terminations
· 8-dB Receiver Equalizer Compensates for
Losses From Standard HDMI Cables
· Selectable Output De-Emphasis Compensates
for Losses From Flat Cables
· High-Impedance Outputs When Disabled
· I2C Repeater Isolates Bus Capacitance at Both
Ends
· TMDS Inputs HBM ESD Protection Exceeds 6
kV
· 3.3-V Supply Operation
· 128-Pin TQFP Package
· ROHS Compatible and 260°C Reflow Rated

APPLICATIONS
· Digital TV
· Digital Projector
· Audio Video Receiver
· DVI or HDMI Switch

DESCRIPTION
The TMDS442, 4-to-2 port DVI/HDMI switch, allows up to 4 digital video interface (DVI) or high-definition
multimedia interface (HDMI) ports to be switched to two independent display blocks. The essential requirement
of picture-in-picture display from two digital audiovisual sources is having two individual DVI or HDMI receivers in
a digital display system. TMDS442 supports two DVI or HDMI receivers to enable multiple-source selection
(picture-in-picture), as well as supports acting as a 4-input 1-output video switch.
Each input or output port contains one 5-V power indicator (5V_PWR), one hot plug detector (HPD), a pair of I2C
interface signals (SCL/SDA), and four TMDS channels supporting data rates up to 2.25 Gbps. The 5-V power
indicator and the hot plug detector are pulled down with internal resistors, forcing a low state on these pins until
receiving a valid high signal. The I2C interface is constructed by an I2C repeater circuit to isolate the capacitance
form both ends of the buses. TMDS receivers integrate 50-Ω termination resistors pulled up to VCC, which
eliminates the need for external terminations. An 8-dB input equalization cooperates to each TMDS receiver
inputs to optimize system performance through 5-meter or longer DVI or HDMI compliant cables.




Similar Part No. - TMDS442PNP.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS442PNP TI-TMDS442PNP Datasheet
1Mb / 45P
4-TO-2 DVI/HDMI SWITCH
TMDS442PNP TI1-TMDS442PNP Datasheet
2Mb / 46P
4-TO-2 DVI/HDMI SWITCH
TMDS442PNPG4 TI1-TMDS442PNPG4 Datasheet
2Mb / 46P
4-TO-2 DVI/HDMI SWITCH
TMDS442PNPR TI-TMDS442PNPR Datasheet
1Mb / 45P
4-TO-2 DVI/HDMI SWITCH
TMDS442PNPR TI1-TMDS442PNPR Datasheet
2Mb / 46P
4-TO-2 DVI/HDMI SWITCH
More results


Similar Description - TMDS442PNP.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
logo
Analog Devices
AD8190 AD-AD8190 Datasheet
793Kb / 24P
2:1 HDMI/DVI Switch with Equalization
7/06-Revision 0
logo
Texas Instruments
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
3-TO-1 DVI/HDMI SWITCH
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
4-TO-2 DVI/HDMI SWITCH
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
Texas Instruments
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
logo
Maxim Integrated Produc...
MAX4814E MAXIM-MAX4814E Datasheet
246Kb / 17P
DVI/HDMI 2:4 Low-Frequency Fan Out Switch
Rev 0; 11/07
logo
Texas Instruments
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
4-TO-2 DVI/HDMI SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com