Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM23KS Datasheet (PDF) - TE Connectivity Ltd

IM23KS Datasheet PDF - TE Connectivity Ltd
Part # IM23KS
Download  IM23KS Download
File Size   3509.22 Kbytes
Page   11 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description AXICOM IM RELAY

IM23KS Datasheet (PDF)

Go To PDF Page Download Datasheet
IM23KS Datasheet PDF - TE Connectivity Ltd

Part # IM23KS
Download  IM23KS Click to download

File Size   3509.22 Kbytes
Page   11 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description AXICOM IM RELAY

IM23KS Datasheet (HTML) - TE Connectivity Ltd


IM23KS Product details

INTRODUCTION
TE Connectivity (TE)’s Axicom IM signal relays, as part of our
smallest types of electromechanical relays, offer a wide and deep
range of variations suitable for many applications.
The IM series are equipped with 2 changeover contacts in
both monostable or bistable versions, available in multiple coil
solutions, performance types and pin layouts.

FEATURES
• Slim line 10x6mm, low profile 5.65mm and min. board-space
60mm².
• Switching current 2/5A, switching power 60W/62.5VA and
switching voltage 220VDC/250VAC.
• Low coil power consumption, 140mW standard, 100mW for
high sensitive version, 50mW for ultra high sensitive version
and 100mW for bistable version.
• High dielectric and surge capability up to 2500Vrms between
open contacts and 2500Vrms between coil and contacts.
• High mechanical shock resistance up to 50g functional.

APPLICATIONS
• Telecommunication
• Access and transmission equipment
• Optical network terminals
• Modems
• Office and business equipment
• Consumer electronics
• Measurement and test equipment
• Industrial control
• Medical equipment
• HVAC




Similar Part No. - IM23KS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IM231-L6S1B INFINEON-IM231-L6S1B Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-L6T2B INFINEON-IM231-L6T2B Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-M6S1B INFINEON-IM231-M6S1B Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-M6T2B INFINEON-IM231-M6T2B Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231L6S1BALMA1 INFINEON-IM231L6S1BALMA1 Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
More results


Similar Description - IM23KS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
IM Relay SMT Gull Wings Dimension
IM48GR MACOM-IM48GR Datasheet
236Kb / 6P
IM-Relay
5-1462037-7 MACOM-5-1462037-7 Datasheet
2Mb / 6P
IM Relay
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
Standard-Reedsensor im
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
Netzspannungs-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
Leistungs-Reedsensor im
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
IM-Relay Marking
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com