Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5171QPHPRQ1 Datasheet (PDF) - Texas Instruments

LM5171QPHPRQ1 Datasheet PDF - Texas Instruments
Part # LM5171QPHPRQ1
Download  LM5171QPHPRQ1 Download
File Size   5763.32 Kbytes
Page   89 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5171-Q1 Dual Channel Bidirectional Controller

LM5171QPHPRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5171QPHPRQ1 Datasheet PDF - Texas Instruments

Part # LM5171QPHPRQ1
Download  LM5171QPHPRQ1 Click to download

File Size   5763.32 Kbytes
Page   89 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5171-Q1 Dual Channel Bidirectional Controller

LM5171QPHPRQ1 Datasheet (HTML) - Texas Instruments


LM5171QPHPRQ1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C
ambient operating range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 85V HV-port and 80V LV-port max ratings
• 1% typical accuracy of bidirectional current
regulation
• 1% typical accuracy of channel current monitoring
• I2C interface for monitoring and diagnosis
• Built-in 3.5V 1% reference voltage
• Integrated 5V 10mA bias supply
• 5A peak half-bridge gate drivers
• Programmable or adaptive dead-time control
• Programmable oscillator frequency up to 1MHz
with optional synchronization to external clock
• Independent channel enabling control inputs
• Integrated both current and voltage loop control
• Programmable cycle-by-cycle peak current limit
• Over-temperature shutdown
• HV and LV port overvoltage protection
• Dynamically selectable diode emulation and forced
PWM operation modes
• Programmable soft-start timer
• Supports both multiphase and independent
channel operations
• Supports urgent shutdown latch

2 Applications
• Automotive dual-battery systems
• Super-cap or battery backup power converter
• Stackable high-power buck or boost applications

3 Description
The LM5171-Q1 controller provides the high voltage
and precision elements of a dual-channel bidirectional
converter, examples include dual battery systems.
The LM5171-Q1 supports multiphase parallel
operation with balanced current sharing in each
phase. The LM5171-Q1 also supports independent
channel bi-directional operation making it versatile as
standalone controller operating as multiphase buck/
boost or independent buck or boost.
The dual-channel differential current sense amplifiers
and dedicated channel current monitors achieve a
typical accuracy of 1%. The robust 5A half-bridge
gate drivers are capable of driving parallel MOSFETs
for more power per channel. Program the controller
dynamically to operate in either diode emulation
mode (DEM) or forced PWM (FPWM) mode. Versatile
protection features include cycle-by-cycle current
limiting, overvoltage protection, overtemperature
protection and urgent shutdown latch.




Similar Part No. - LM5171QPHPRQ1

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM5171 HTC-LM5171 Datasheet
587Kb / 19P
1.5A, 280kHz, Boost Regulator
logo
Texas Instruments
LM5171 TI1-LM5171 Datasheet
5Mb / 95P
LM5171 Dual Channel Bidirectional Controller
JUNE 2024
LM5171-Q1 TI-LM5171-Q1 Datasheet
2Mb / 79P
LM5171-Q1 Dual Channel Bidirectional Controller
APRIL 2023
LM5171-Q1 TI1-LM5171-Q1 Datasheet
5Mb / 95P
LM5171 Dual Channel Bidirectional Controller
JUNE 2024
logo
HTC Korea TAEJIN Techno...
LM5171D HTC-LM5171D Datasheet
587Kb / 19P
1.5A, 280kHz, Boost Regulator
More results


Similar Description - LM5171QPHPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
Multiphase Bidirectional Current Controller
ISO1540-Q1 TI1-ISO1540-Q1 Datasheet
573Kb / 30P
ISO154x-Q1 Low-Power Bidirectional I2C Isolators
TPS92682-Q1 TI1-TPS92682-Q1_V01 Datasheet
2Mb / 87P
TPS92682-Q1 Dual-Channel Constant-Voltage and Constant-Current Controller with SPI Interface
TPS92682-Q1 TI1-TPS92682-Q1_V02 Datasheet
3Mb / 88P
TPS92682-Q1 Dual-Channel Constant-Voltage and Constant-Current Controller with SPI Interface
TPS92682-Q1 TI-TPS92682-Q1_V03 Datasheet
4Mb / 97P
TPS92682-Q1 Dual-Channel Constant-Voltage and Constant-Current Controller with SPI Interface
TCA39306-Q1 TI-TCA39306-Q1 Datasheet
1Mb / 33P
TCA39306-Q1 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
TCA39306-Q1 TI-TCA39306-Q1_V01 Datasheet
1Mb / 31P
TCA39306-Q1 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
DECEMBER 2021
logo
Alpha & Omega Semicondu...
AOZ8S204BL2 AOSMD-AOZ8S204BL2 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
AOZ8S205BL2 AOSMD-AOZ8S205BL2 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.075pF TVS Diode
Rev. 1.0 October 2021
logo
Texas Instruments
LM5171-Q1 TI-LM5171-Q1 Datasheet
2Mb / 79P
LM5171-Q1 Dual Channel Bidirectional Controller
APRIL 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com