Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8428K Datasheet (PDF) - Toshiba Semiconductor

TA8428K Datasheet PDF - Toshiba Semiconductor
Part # TA8428K
Download  TA8428K Download
File Size   435.02 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DC MOTOR FULL-BRIDGE (H-BRIDGE) DRIVER ICs (Forward/reverse switching driver ICs)

TA8428K Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8428K Datasheet PDF - Toshiba Semiconductor

Part # TA8428K
Download  TA8428K Click to download

File Size   435.02 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DC MOTOR FULL-BRIDGE (H-BRIDGE) DRIVER ICs (Forward/reverse switching driver ICs)

TA8428K Datasheet (HTML) - Toshiba Semiconductor


TA8428K Product details

FEATURES
z Output Current : TA8428K 1.5 A (AVE.), 3.0 A (PEAK)
TA8428FG 0.8 A (AVE.), 2.4 A (PEAK)
z 4 modes (forward/reverse/short brake and stop) are available
with 2 TTL compatible inputs control. Free-wheeling diodes
for back-EMF protection are equipped.
z Thermal shutdown and overcurrent protection circuits
z Operating voltage range: VCC = 7.0 V to 27.0 V




Similar Part No. - TA8428K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8428K TOSHIBA-TA8428K Datasheet
324Kb / 14P
FULL BRIDGE DRIVER
TA8428KS TOSHIBA-TA8428KS Datasheet
260Kb / 12P
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
FULL BRIDGE DRIVER
More results


Similar Description - TA8428K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
logo
Shindengen Electric Mfg...
MTD2029J SHINDENGEN-MTD2029J Datasheet
175Kb / 8P
DMOS DUAL FULL BRIDGE PWM MOTOR DRIVER ICs
logo
Sanyo Semicon Device
LV8760T SANYO-LV8760T_11 Datasheet
216Kb / 11P
Forward/Reverse H-bridge Driver
LV8761V SANYO-LV8761V_10 Datasheet
292Kb / 13P
Forward/Reverse H-bridge Driver
logo
ON Semiconductor
LV8760T-TLM-E ONSEMI-LV8760T-TLM-E Datasheet
170Kb / 11P
Forward/Reverse H-bridge Driver
May, 2013
logo
Shindengen Electric Mfg...
MTD2029JE SHINDENGEN-MTD2029JE Datasheet
175Kb / 8P
DMOS DUAL FULL BRIDGE PWM MOTOR DRIVER ICs
logo
ON Semiconductor
LV8761V ONSEMI-LV8761V Datasheet
191Kb / 13P
Forward/Reverse H-bridge Driver
May, 2013
logo
Toshiba Semiconductor
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com