Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD45336KSTZ-RL Datasheet (PDF) - Analog Devices

AD45336KSTZ-RL Datasheet PDF - Analog Devices
Part # AD45336KSTZ-RL
Download  AD45336KSTZ-RL Download
File Size   1548.57 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, High Voltage, Matched Precision Resistor Divider

AD45336KSTZ-RL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD45336KSTZ-RL Datasheet PDF - Analog Devices

Part # AD45336KSTZ-RL
Download  AD45336KSTZ-RL Click to download

File Size   1548.57 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, High Voltage, Matched Precision Resistor Divider

AD45336KSTZ-RL Datasheet (HTML) - Analog Devices


AD45336KSTZ-RL Product details

FEATURES
► 32-channel, matched precision resistor divider
► Channel division: 52 typical
► ±10 ppm typical resistor matching ratio long-term drift
per channel
► 5.2 MΩ total series resistance per channel
► Up to a 225 V maximum input voltage
► 100-lead LQFP
► −10°C to +85°C TA range




Similar Part No. - AD45336KSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD45336KSTZ-RL AD-AD45336KSTZ-RL Datasheet
408Kb / 11P
32-Channel, High Voltage, Matched Precision Resistor Divider
Rev. A
More results


Similar Description - AD45336KSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5491 MAXIM-MAX5491 Datasheet
155Kb / 7P
Precision-Matched Resistor-Divider in SOT23
Rev 3; 12/04
MAX5490 MAXIM-MAX5490 Datasheet
111Kb / 8P
100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
logo
KOA Speer Electronics, ...
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
precision voltage divider networks
logo
Maxim Integrated Produc...
MAX5490 MAXIM-MAX5490_05 Datasheet
186Kb / 8P
100k ?쪷recision-Matched Resistor-Divider in SOT23
19-3337; Rev 2; 3/05
MAX5492 MAXIM-MAX5492 Datasheet
147Kb / 8P
10k廓 Precision-Matched Resistor-Divider in SOT23
19-3695; Rev 0; 5/05
logo
KOA Speer Electronics, ...
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
precision voltage divider networks
logo
Token Electronics Indus...
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
High Precision Network Voltage Divider
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
High Precision Network Voltage Divider
logo
Analog Devices
LT5401 AD-LT5401 Datasheet
939Kb / 16P
Matched Resistor Network for Precision Amplifiers
logo
Stackpole Electronics, ...
HVD SEI-HVD Datasheet
327Kb / 5P
High Voltage Plate Resistor Divider
02/08/2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com