Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3118D2 Datasheet (PDF) - Texas Instruments

TPA3118D2 Datasheet PDF - Texas Instruments
Part # TPA3118D2
Download  TPA3118D2 Download
File Size   1921.12 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA3110D2 15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard™

TPA3118D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA3118D2 Datasheet PDF - Texas Instruments

Part # TPA3118D2
Download  TPA3118D2 Click to download

File Size   1921.12 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA3110D2 15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard™

TPA3118D2 Datasheet (HTML) - Texas Instruments


TPA3118D2 Product details

1 Features
1• 15-W/ch into an 8-Ω Loads at 10% THD+N From
a 16-V Supply
• 10-W/ch into 8-Ω Loads at 10% THD+N From a
13-V Supply
• 30-W into a 4-Ω Mono Load at 10% THD+N From
a 16-V Supply
• 90% Efficient Class-D Operation Eliminates Need
for Heat Sinks
• Wide Supply Voltage Range Allows Operation
From 8 V to 26 V
• Filter-Free Operation
• SpeakerGuard™ Speaker Protection Includes
Adjustable Power Limiter Plus DC Protection
• Flow Through Pin Out Facilitates Easy Board
Layout
• Robust Pin-to-Pin Short Circuit Protection and
Thermal Protection With Auto Recovery Option
• Excellent THD+N / Pop-Free Performance
• Four Selectable, Fixed Gain Settings
• Differential Inputs

2 Applications
• Televisions
• Consumer Audio Equipment

3 Description
The TPA3110D2 is a 15-W (per channel) efficient,
Class-D audio power amplifier for driving bridged-tied
stereo speakers. Advanced EMI Suppression
Technology enables the use of inexpensive ferrite
bead filters at the outputs while meeting EMC
requirements. SpeakerGuard™ speaker protection
circuitry includes an adjustable power limiter and a
DC detection circuit. The adjustable power limiter
allows the user to set a "virtual" voltage rail lower
than the chip supply to limit the amount of current
through the speaker. The DC detect circuit measures
the frequency and amplitude of the PWM signal and
shuts off the output stage if the input capacitors are
damaged or shorts exist on the inputs.
The TPA3110D2 can drive stereo speakers as low as
4 Ω. The high efficiency of the TPA3110D2, 90%,
eliminates the need for an external heat sink when
playing music.
The outputs are also fully protected against shorts to
GND, VCC, and output-to-output. The short-circuit
protection and thermal protection includes an autorecovery
feature.




Similar Part No. - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 36P
100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2 TI2-TPA3118D2 Datasheet
2Mb / 49P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
REVISED DECEMBER 2017
TPA3118D2-Q1 TI1-TPA3118D2-Q1 Datasheet
1Mb / 36P
100-W and 50-W Class-D Stereo Automotive Amplifiers
More results


Similar Description - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com