Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1E10B09 Datasheet (PDF) - Texas Instruments

TPD1E10B09 Datasheet PDF - Texas Instruments
Part # TPD1E10B09
Download  TPD1E10B09 Download
File Size   1310.62 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD1E10B09 Single-Channel ESD Protection Device in 0402 Package

TPD1E10B09 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD1E10B09 Datasheet PDF - Texas Instruments

Part # TPD1E10B09
Download  TPD1E10B09 Click to download

File Size   1310.62 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD1E10B09 Single-Channel ESD Protection Device in 0402 Package

TPD1E10B09 Datasheet (HTML) - Texas Instruments


TPD1E10B09 Product details

1 Features
• Provides system-level ESD protection for I/O
interfaces up to ±9 V
• IEC 61000-4-2 level 4:
– ±20 kV (air-gap discharge)
– ±20 kV (contact discharge)
• IEC 61000-4-5 surge protection:
– 4.5 a (8/20 μs)
• I/O capacitance 10 pf (typical)
• RDYN 0.5 ω (typical)
• DC breakdown voltage ±9.5 V (minimum)
• Ultra low leakage current 100 nA (maximum)
• 13-V clamping voltage (maximum at IPP = 1 A)
• Industrial temperature range: –40°C to 125°C
• Space-saving 0402 footprint
(1 mm × 0.6 mm × 0.5 mm)

2 Applications
• End equipment:
– Tablets
– Remote controllers
– Wearables
– Set-top boxes
– Electronic point of sale (EPOS)
– eBooks
• Interfaces:
– Audio lines
– Push-buttons
– General-purpose input and output (GPIO)

3 Description
The TPD1E10B09 device is a single-channel
electrostatic discharge (ESD) transient voltage
suppression (TVS) diode in a small 0402 package.
This ESD protection diode offers ±20 kV IEC
61000-4-2 (level 4) contact and air-gap ESD
protection. The back-to-back TVS diode configuration
allows for bipolar or bidirectional signal support.
The 10-pF line capacitance is suitable for a wide
range of applications supporting data rates up to 500
Mbps. The 0402 package is an industry standard
and is convenient for component placement in spaceconstrained
applications.
Typical applications of this ESD protection TVS diode
are circuit protection for audio lines (microphone,
earphone, and speaker phone), SD interfacing,
keypad or other buttons, VBUS pin and ID pin of
USB ports, and general-purpose I/O ports. This ESD
clamp is good for the protection of end equipment
like eBooks, tablets, remote controllers, wearables,
set-top boxes, and electronic point of sale equipment.




Similar Part No. - TPD1E10B09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
901Kb / 14P
Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
788Kb / 18P
Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
118Kb / 7P
1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V Breakdown
TPD1E10B09-Q1 TI1-TPD1E10B09-Q1 Datasheet
118Kb / 7P
1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V Breakdown
More results


Similar Description - TPD1E10B09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
Single Channel ESD Protection Device in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
Single Channel ESD Protection Device in 0201 Package
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
Single-Channel ESD Protection Diode in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
Single-Channel ESD Protection Device in 0402 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
logo
AMAZING Microelectronic...
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com