Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0501-100 Datasheet (PDF) - Texas Instruments

TPL0501-100 Datasheet PDF - Texas Instruments
Part # TPL0501-100
Download  TPL0501-100 Download
File Size   823.26 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL0501 256-Taps, Single-Channel, Digital Potentiometer With SPI Interface

TPL0501-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL0501-100 Datasheet PDF - Texas Instruments

Part # TPL0501-100
Download  TPL0501-100 Click to download

File Size   823.26 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL0501 256-Taps, Single-Channel, Digital Potentiometer With SPI Interface

TPL0501-100 Datasheet (HTML) - Texas Instruments


TPL0501-100 Product details

1 Features
1• Single-channel, 256-position resolution
• 100-kΩ end-to-end resistance options
• Low temperature coefficient: 35 ppm/°C
• SPI-compatible serial interface
• 2.7-V to 5.5-V single-supply operation
• ±20% resistance tolerance
• Operating temperature: –40°C to +125°C
• ESD performance tested per JESD 22
– 2000-V human-body model (A114-B, Class II)

2 Applications
• Pulse oximeter
• Water meter
• Camera
• Medical sensor patches
• Building security gateway

3 Description
The TPL0501 device is a single-channel, linear-taper,
digital potentiometer with 256 wiper positions. This
device can be used as a three-terminal potentiometer
or as a two-terminal rheostat. The TPL0501 is
currently offered with end-to-end resistance of
100 kΩ. The internal registers of the TPL0501 can be
accessed using a SPI-compatible interface. The
TPL0501 has a nominal temperature coefficient of
35 ppm/°C.
The TPL0501 is available in 8-pin SOT-23 and
8-pin UQFN packages, with a specified temperature
range of –40°C to +125°C.




Similar Part No. - TPL0501-100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100DCNR TI1-TPL0501-100DCNR Datasheet
516Kb / 19P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100DCNR TI1-TPL0501-100DCNR Datasheet
775Kb / 21P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100RSER TI1-TPL0501-100RSER Datasheet
516Kb / 19P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100RSER TI1-TPL0501-100RSER Datasheet
775Kb / 21P
256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Similar Description - TPL0501-100

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
128-TAPS Single-Channel Digital Potentiometer with I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com