Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2480 Datasheet (PDF) - Texas Instruments

TPS2480 Datasheet PDF - Texas Instruments
Part # TPS2480
Download  TPS2480 Download
File Size   1433.35 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor

TPS2480 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2480 Datasheet PDF - Texas Instruments

Part # TPS2480
Download  TPS2480 Click to download

File Size   1433.35 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor

TPS2480 Datasheet (HTML) - Texas Instruments


TPS2480 Product details

1FEATURES
• Programmable FET Power Limit
• External N-Channel FET Gate Drive
• Programmable Fault Timer
• Open Drain Power Good Output
• I2C monitoring of Current, Voltage and Power
• High Accuracy Current Monitoring
(1% over temperature)
• Dynamic Calibration
• 9-V to 26-V Input Range

APPLICATIONS
• Servers
• Hard Drives
• Storage Networks
• Base Stations

DESCRIPTION
The TPS2480/81 are designed to minimize inrush into
applications and protect both the load and the FET
from over-current or short circuit events. They control
an external N-channel MOSFET switch and provide
accurate voltage, current, and power monitoring using
a configurable 12 bit A/D converter via an I2C
interface. The independently adjustable power limit
and current limit ensure that the external MOSFET
operates within the FET's Safe Operating Area
(SOA).
The flexible design includes a Power Good output
which can be used for sequencing as well as load
fault indication. An external timer capacitor can set
the fault time to help immunize the system from
nuisance shutdowns during brief transient events.
The monitoring circuitry incorporates a high accuracy
A/D converter which can be configured from a 9 to 13
bit converter. The internal gain of the A/D can be
configured to scale the current, voltage and power
readings to the needs of the application. An additional
multiplying register calculates power in Watts. The
I2C interface uses multi-level addressing to allow up
to 16 programmable addresses.




Similar Part No. - TPS2480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 54P
Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480PW TI-TPS2480PW Datasheet
1Mb / 52P
Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480PWR TI-TPS2480PWR Datasheet
1Mb / 54P
Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
More results


Similar Description - TPS2480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
High Voltage I2C Current and Voltage Monitor
logo
Texas Instruments
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
LTC2990 I2C Temperature Voltage and Current Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
High Voltage I2C Current and Voltage Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com