Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADEMA124 Datasheet (PDF) - Analog Devices

ADEMA124 Datasheet PDF - Analog Devices
Part # ADEMA124
Download  ADEMA124 Download
File Size   2315.07 Kbytes
Page   78 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Simultaneously Sampling 4- and 7-Channel ΣΔ ADC with SPI

ADEMA124 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADEMA124 Datasheet PDF - Analog Devices

Part # ADEMA124
Download  ADEMA124 Click to download

File Size   2315.07 Kbytes
Page   78 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Simultaneously Sampling 4- and 7-Channel ΣΔ ADC with SPI

ADEMA124 Datasheet (HTML) - Analog Devices


ADEMA124 Product details

FEATURES
► 4- or 7-channel high performance, simultaneous sampling Σ-Δ
ADCs
► SNR up to 105dB
► Programmable sample rate of up to 64kSPS
► Wide input-voltage range: ±1.2VPK, 848mVRMS full-scale
► High impedance, differential inputs
► Internal voltage reference temperature coefficient: 5ppm/°C typical
► Integrated digital integrator and high-pass filter for use with
Rogowski coils
► Fast start-up with first samples in 0.5ms after valid supply
► Tamper detect mode, low power for battery back-up
► 4-wire SPI with bidirectional CRC and daisy-chain functionality
► Simple synchronization of multiple ADC devices
► Gain, phase, and offset compensation for each channel
► Unique SPI readable part ID registers
► Only 18mW power consumption with 7-channel ADC
► Wide temperature range: −40°C to +125°C
► Compact 32-lead, 5mm x 5mm LFCSP




Similar Part No. - ADEMA124

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
145Kb / 2P
Frequency Mixer
ADE-1+ MINI-ADE-1+ Datasheet
231Kb / 2P
Frequency Mixer
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
Frequency Mixer
ADE-10H+ MINI-ADE-10H+ Datasheet
298Kb / 2P
Frequency Mixer
More results


Similar Description - ADEMA124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131M04 TI1-ADS131M04 Datasheet
993Kb / 78P
4-channel, simultaneously-sampling, 24-bit, delta-sigma ADC
ADS131M08 TI1-ADS131M08 Datasheet
1Mb / 97P
ADS131M08 8-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M06 TI1-ADS131M06 Datasheet
2Mb / 92P
ADS131M06 6-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M02 TI-ADS131M02 Datasheet
2Mb / 84P
ADS131M02 2-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M03 TI-ADS131M03 Datasheet
2Mb / 88P
ADS131M03 3-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M04 TI-ADS131M04_V01 Datasheet
2Mb / 99P
ADS131M04 4-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M06 TI-ADS131M06_V01 Datasheet
3Mb / 108P
ADS131M06 6-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M02 TI-ADS131M02_V01 Datasheet
3Mb / 92P
ADS131M02 2-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M03 TI-ADS131M03_V01 Datasheet
3Mb / 98P
ADS131M03 3-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M08 TI-ADS131M08_V01 Datasheet
3Mb / 116P
ADS131M08 8-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com