Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3285PVI Datasheet (PDF) - Infineon Technologies AG

CY8C3285PVI Datasheet PDF - Infineon Technologies AG
Part # CY8C3285PVI
Download  CY8C3285PVI Download
File Size   7633.89 Kbytes
Page   140 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Programmable System-on-Chip (PSoC®)

CY8C3285PVI Datasheet (PDF)

Go To PDF Page Download Datasheet
CY8C3285PVI Datasheet PDF - Infineon Technologies AG

Part # CY8C3285PVI
Download  CY8C3285PVI Click to download

File Size   7633.89 Kbytes
Page   140 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Programmable System-on-Chip (PSoC®)

CY8C3285PVI Datasheet (HTML) - Infineon Technologies AG


CY8C3285PVI Product details

General Description
PSoC® 5LP is a true programmable embedded system-on-chip, integrating configurable analog and digital peripherals, memory, and a microcontroller on a single chip. The PSoC 5LP architecture boosts performance through:
 32-bit Arm Cortex-M3 core plus DMA controller and digital filter processor, at up to 80 MHz
 Ultra low power with industry's widest voltage range
 Programmable digital and analog peripherals enable custom functions
 Flexible routing of any analog or digital peripheral function to any pin
PSoC devices employ a highly configurable system-on-chip architecture for embedded control design. They integrate configurable analog and digital circuits, controlled by an on-chip microcontroller. A single PSoC device can integrate as many as 100 digital and analog peripheral functions, reducing design time, board space, power consumption, and system cost while improving system quality.

Features
 Operating characteristics
 Voltage range: 1.71 to 5.5 V, up to 6 power domains
 Temperature range (ambient): –40 to 85 °C Extended temperature parts: –40 to 105 °C
 DC to 80-MHz operation
 Power modes
• Active mode 3.1 mA at 6 MHz, and 15.4 mA at 48 MHz
• 2-μA sleep mode
• 300-nA hibernate mode with RAM retention
 Boost regulator from 0.5-V input up to 5-V output
 Performance
 32-bit Arm Cortex-M3 CPU, 32 interrupt inputs
 24-channel direct memory access (DMA) controller
 24-bit 64-tap fixed-point digital filter processor (DFB)
 Memories
 Up to 256 KB program flash, with cache and security features
 Up to 32 KB additional flash for error correcting code (ECC)
 Up to 64 KB RAM
 2 KB EEPROM
 Digital peripherals
 Four 16-bit timer, counter, and PWM (TCPWM) blocks
 I2C, 1 Mbps bus speed
 USB 2.0 certified Full-Speed (FS) 12 Mbps peripheral interface (TID#10840032) using internal oscillator
 Full CAN 2.0b, 16 Rx, 8 Tx buffers
 20 to 24 universal digital blocks (UDB), programmable to create any number of functions:
• 8-, 16-, 24-, and 32-bit timers, counters, and PWMs
• I2C, UART, SPI, I2S, LIN 2.0 interfaces
• Cyclic redundancy check (CRC)
• Pseudo random sequence (PRS) generators
• Quadrature decoders
• Gate-level logic functions
 Programmable clocking
 3- to 74-MHz internal oscillator, 1% accuracy at 3 MHz
 4- to 25-MHz external crystal oscillator
 Internal PLL clock generation up to 80 MHz
 Low-power internal oscillator at 1, 33, and 100 kHz
 32.768-kHz external watch crystal oscillator
 12 clock dividers routable to any peripheral or I/O
 Analog peripherals
 Configurable 8- to 20-bit delta-sigma ADC
 Up to two 12-bit SAR ADCs
 Four 8-bit DACs
 Four comparators
 Four opamps
 Four programmable analog blocks, to create:
• Programmable gain amplifier (PGA)
• Transimpedance amplifier (TIA)
• Mixer
• Sample and hold circuit
 CapSense® support, up to 62 sensors
 1.024 V ±0.1% internal voltage reference
 Versatile I/O system
 46 to 72 I/O pins – up to 62 general-purpose I/Os (GPIOs)
 Up to eight performance I/O (SIO) pins
• 25 mA current sink
• Programmable input threshold and output high voltages
• Can act as a general-purpose comparator
• Hot swap capability and overvoltage tolerance
 Two USBIO pins that can be used as GPIOs
 Route any digital or analog peripheral to any GPIO
 LCD direct drive from any GPIO, up to 46 × 16 segments
 CapSense support from any GPIO
 1.2-V to 5.5-V interface voltages, up to four power domains
 Programming, debug, and trace
 JTAG (4-wire), serial wire debug (SWD) (2-wire), single wire viewer (SWV), and Traceport (5-wire) interfaces
 Arm debug and trace modules embedded in the CPU core
 Bootloader programming through I2C, SPI, UART, USB, and other interfaces
 Package options: 68-pin QFN, 100-pin TQFP, and 99-pin CSP
 Development support with free PSoC Creator™ tool
 Schematic and firmware design support
 Over 100 PSoC Components™ integrate multiple ICs and system interfaces into one PSoC. Components are free embedded ICs represented by icons. Drag and drop component icons to design systems in PSoC Creator.
 Includes free GCC compiler, supports Keil/Arm MDK compiler
 Supports device programming and debugging




Similar Part No. - CY8C3285PVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C32 CYPRESS-CY8C32 Datasheet
3Mb / 119P
Programmable System-on-Chip (PSoC짰)
CY8C32 CYPRESS-CY8C32 Datasheet
3Mb / 120P
Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C3244AXI-143 CYPRESS-CY8C3244AXI-143 Datasheet
3Mb / 119P
Programmable System-on-Chip (PSoC짰)
CY8C3244AXI-146 CYPRESS-CY8C3244AXI-146 Datasheet
3Mb / 119P
Programmable System-on-Chip (PSoC짰)
CY8C3244AXI-153 CYPRESS-CY8C3244AXI-153 Datasheet
3Mb / 119P
Programmable System-on-Chip (PSoC짰)
More results


Similar Description - CY8C3285PVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
Programmable System-on-Chip (PSoC)
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
Programmable System-on-Chip (PSoC)
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
PSoC Programmable System-on-Chip
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
PSoC Programmable System-on-Chip
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
Programmable System-on-Chip (PSoC)
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com