Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1149104 Datasheet (PDF) - PHOENIX CONTACT

1149104 Datasheet PDF - PHOENIX CONTACT
Part # 1149104
Download  1149104 Download
File Size   411.85 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 16 HC/ 6-ST-10,16 - PCB connector

1149104 Datasheet (PDF)

Go To PDF Page Download Datasheet
1149104 Datasheet PDF - PHOENIX CONTACT

Part # 1149104
Download  1149104 Click to download

File Size   411.85 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 16 HC/ 6-ST-10,16 - PCB connector

1149104 Datasheet (HTML) - PHOENIX CONTACT


1149104 Product details

PCB connector, nominal cross section: 16 mm2, color: green, nominal current: 76 A, rated
voltage (III/2): 1000 V, contact surface: Sn, contact connection type: Socket, number of rows: 1,
number of positions: 6, product range: PC 16 HC/..-ST, pitch: 10.16 mm, connection method:
Screw connection with tension sleeve, screw head form: L Slotted, conductor/PCB connection
direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 16 advanced,
locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1149104

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
114910 ADELS-114910 Datasheet
126Kb / 2P
900-07 RZ/10 DS
logo
PHOENIX CONTACT
1149100 PHOENIX-1149100 Datasheet
412Kb / 9P
PC 16 HC/ 4-ST-10,16 - PCB connector
logo
Weidmuller
1149100000 WEIDMULLER-1149100000 Datasheet
498Kb / 5P
SL 5.08HC/16/180G 3.2SN BK BX
logo
PHOENIX CONTACT
1149102 PHOENIX-1149102 Datasheet
412Kb / 9P
PC 16 HC/ 5-ST-10,16 - PCB connector
More results


Similar Description - 1149104

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716851 PHOENIX-1716851 Datasheet
256Kb / 7P
PCB header - PC 16 HC/ 6-G-10,16
Jul 20, 2022
1716874 PHOENIX-1716874 Datasheet
254Kb / 7P
PCB header - PC 16 HC/ 6-GL4-10,16
Jul 20, 2022
1716819 PHOENIX-1716819 Datasheet
252Kb / 6P
PCB connector - LPC 16 HC/ 6-ST-10,16
Jul 20, 2022
1913523 PHOENIX-1913523 Datasheet
591Kb / 13P
PCB connector - PC 6/ 4-ST-10,16
Jul 21, 2022
1967375 PHOENIX-1967375 Datasheet
1Mb / 20P
PCB connector - PC 16/ 2-ST-10,16
Jul 21, 2022
1913507 PHOENIX-1913507 Datasheet
348Kb / 10P
PCB connector - PC 6/ 2-ST-10,16
1913510 PHOENIX-1913510 Datasheet
348Kb / 10P
PCB connector - PC 6/ 3-ST-10,16
1913536 PHOENIX-1913536 Datasheet
348Kb / 10P
PCB connector - PC 6/ 5-ST-10,16
1913549 PHOENIX-1913549 Datasheet
348Kb / 10P
PCB connector - PC 6/ 6-ST-10,16
1913565 PHOENIX-1913565 Datasheet
581Kb / 13P
PC 6/ 8-ST-10,16 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com