Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1149121 Datasheet (PDF) - PHOENIX CONTACT

1149121 Datasheet PDF - PHOENIX CONTACT
Part # 1149121
Download  1149121 Download
File Size   412.45 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 16 HC/ 2-STL2-10,16 - PCB connector

1149121 Datasheet (PDF)

Go To PDF Page Download Datasheet
1149121 Datasheet PDF - PHOENIX CONTACT

Part # 1149121
Download  1149121 Click to download

File Size   412.45 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 16 HC/ 2-STL2-10,16 - PCB connector

1149121 Datasheet (HTML) - PHOENIX CONTACT


1149121 Product details

PCB connector, nominal cross section: 16 mm2, color: green, nominal current: 76 A, rated
voltage (III/2): 1000 V, contact surface: Sn, contact connection type: Socket, number of rows: 1,
number of positions: 2, product range: PC 16 HC/..-STL, pitch: 10.16 mm, connection method:
Screw connection with tension sleeve, screw head form: L Slotted, conductor/PCB connection
direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 16 advanced,
locking: Snap-in locking, mounting method: Latching flange, type of packaging: packed in
cardboard




Similar Part No. - 1149121

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
114912 ADELS-114912 Datasheet
127Kb / 2P
900-07 RZ/12 DS
logo
Weidmuller
1149120000 WEIDMULLER-1149120000 Datasheet
505Kb / 5P
SL 5.08HC/22/180F 3.2SN BK BX
logo
PHOENIX CONTACT
1149123 PHOENIX-1149123 Datasheet
412Kb / 9P
PC 16 HC/ 3-STL2-10,16 - PCB connector
1149125 PHOENIX-1149125 Datasheet
412Kb / 9P
PC 16 HC/ 4-STL3-10,16 - PCB connector
1149126 PHOENIX-1149126 Datasheet
412Kb / 9P
PC 16 HC/ 5-STL3-10,16 - PCB connector
More results


Similar Description - 1149121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716846 PHOENIX-1716846 Datasheet
246Kb / 7P
PCB header - PC 16 HC/ 2-G-10,16
Jul 20, 2022
1716847 PHOENIX-1716847 Datasheet
257Kb / 7P
PCB header - PC 16 HC/ 3-G-10,16
Jul 20, 2022
1716850 PHOENIX-1716850 Datasheet
257Kb / 7P
PCB header - PC 16 HC/ 5-G-10,16
Jul 20, 2022
1716857 PHOENIX-1716857 Datasheet
251Kb / 7P
PCB header - PC 16 HC/ 2-GL2-10,16
Jul 20, 2022
1716874 PHOENIX-1716874 Datasheet
254Kb / 7P
PCB header - PC 16 HC/ 6-GL4-10,16
Jul 20, 2022
1716815 PHOENIX-1716815 Datasheet
242Kb / 6P
PCB connector - LPC 16 HC/ 2-ST-10,16
Jul 20, 2022
1716824 PHOENIX-1716824 Datasheet
246Kb / 6P
PCB connector - LPC 16 HC/ 2-STL2-10,16
Jul 20, 2022
1716825 PHOENIX-1716825 Datasheet
251Kb / 6P
PCB connector - LPC 16 HC/ 3-STL2-10,16
Jul 20, 2022
1967456 PHOENIX-1967456 Datasheet
1Mb / 19P
PCB connector - PC 16/ 2-STF-10,16
Jul 20, 2022
1967375 PHOENIX-1967375 Datasheet
1Mb / 20P
PCB connector - PC 16/ 2-ST-10,16
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com