Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OB2-LF Datasheet (PDF) - Twin Industries

OB2-LF Datasheet PDF - Twin Industries
Part # OB2-LF
Download  OB2-LF Download
File Size   266.94 Kbytes
Page   1 Pages
Manufacturer  TWININDUSTRIES [Twin Industries]
Direct Link  https://twinind.com/
Logo TWININDUSTRIES - Twin Industries
Description Combination Boards

OB2-LF Datasheet (PDF)

Go To PDF Page Download Datasheet
OB2-LF Datasheet PDF - Twin Industries

Part # OB2-LF
Download  OB2-LF Click to download

File Size   266.94 Kbytes
Page   1 Pages
Manufacturer  TWININDUSTRIES [Twin Industries]
Direct Link  https://twinind.com/
Logo TWININDUSTRIES - Twin Industries
Description Combination Boards

OB2-LF Datasheet (HTML) - Twin Industries


OB2-LF Product details

FEATURES:
• Solderless, 5-holes per pad, & 0.1" x 0.1" grid of holes
• Plated holes: 0.037" diameter
• Lead-free PCB with gold plating; 0.062" thick
• 3mm screw/nut included to secure module to board (additional soldering required)




Similar Part No. - OB2-LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OB2211 ETC2-OB2211 Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
OB2211CP ETC2-OB2211CP Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
OB2211CPA ETC2-OB2211CPA Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
OB2212 ETC2-OB2212 Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
OB2212AP ETC2-OB2212AP Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
More results


Similar Description - OB2-LF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
Designing Expansion Boards
logo
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
evaluation boards
REV. 0
logo
Intel Corporation
D820LP INTEL-D820LP Datasheet
48Kb / 17P
Desktop Boards
logo
fujitsu semiconductor
FTP-62ADSL000 FUJITSU-FTP-62ADSL000 Datasheet
327Kb / 10P
interfa ce boards
logo
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
Compact Evaluation Boards
logo
Maxim Integrated Produc...
MAX98050EVSYS MAXIM-MAX98050EVSYS Datasheet
2Mb / 25P
Two MAX98050 Development Boards (DEV Boards)
319-100629; Rev 0; 11/20
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32 Datasheet
3Mb / 26P
STM32 development boards
logo
List of Unclassifed Man...
HK-4 ETC-HK-4 Datasheet
247Kb / 1P
terminals for boards
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com