Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD-101 Datasheet (PDF) - TE Connectivity Ltd

AD-101 Datasheet PDF - TE Connectivity Ltd
Part # AD-101
Download  AD-101 Download
File Size   176.31 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Air Bubble Detector

AD-101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD-101 Datasheet PDF - TE Connectivity Ltd

Part # AD-101
Download  AD-101 Click to download

File Size   176.31 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Air Bubble Detector

AD-101 Datasheet (HTML) - TE Connectivity Ltd


AD-101 Product details

Operating Parameters &
Specifications
 Temperature range: 0°C - 40°C
 Response time: 0.2ms
 Input: 5VDC-24VDC
 Output: 3.3 V TTL Logic

Features
 Detects bubble size as small as 70% of tubing inner diameter
 Tubing outer diameters of 4mm and 6mm standard (sensor can be
customized to tubing outer diameters between 3 and 10 mm)
 Non-invasive design eliminates sterility and fluid compatibility
concerns
 High noise immunity to EMI/RFI
 Acoustic coupling agent not required
 Integral electronics
 Power-on and continuous self-diagnostic tests to confirm
functionality
 LED indication of sensor wet and dry state visible through housing

Applications
 Infusion Pump
 Apheresis/Auto-transfusion
 Biotech/DNA Analysis
 Blood Processing
 Immunoassay
 Chemical Analysis
 Hemodialysis
 IN-VIVO Detection of Gas
 Hydroponics
 Smart Farming
 Food Processing




Similar Part No. - AD-101

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AD-102 TEC-AD-102 Datasheet
344Kb / 6P
High Resolution Bubble Detector
REV A 02/2024
More results


Similar Description - AD-101

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
Intelligent Air Duct Smoke Detector Housing
logo
Sensortechnics GmbH
AD8-0000-E01 SENSORTECHNICS-AD8-0000-E01 Datasheet
66Kb / 3P
Ultrasonic air bubble and air-in-line sensors
logo
List of Unclassifed Man...
LG01 ETC2-LG01 Datasheet
236Kb / 4P
Liquid Flow Switch and Bubble Detector
logo
JFW Industries, Inc.
50D-052 JFW-50D-052_17 Datasheet
27Kb / 1P
DETECTOR
logo
Ralston Instruments.
QTHA-1TS0-QD RALSTON-QTHA-1TS0-QD Datasheet
543Kb / 1P
Make a bubble-tight connection to any Swagelok
QTHA-2TS0 RALSTON-QTHA-2TS0_19 Datasheet
519Kb / 1P
Make a bubble-tight connection to any Swagelok
QTHA-3TB0 RALSTON-QTHA-3TB0_19 Datasheet
348Kb / 1P
Make a bubble-tight connection to any Swagelok
QTHA-4TB0 RALSTON-QTHA-4TB0_19 Datasheet
378Kb / 1P
Make a bubble-tight connection to any Swagelok
QTHA-MTB0-12MM RALSTON-QTHA-MTB0-12MM Datasheet
674Kb / 1P
Make a bubble-tight connection to any Swagelok
XTHA-2TS0-QD RALSTON-XTHA-2TS0-QD_19 Datasheet
661Kb / 1P
Make a bubble-tight connection to any Swagelok
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com