Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB9673TPM2 Datasheet (PDF) - Infineon Technologies AG

SLB9673TPM2 Datasheet PDF - Infineon Technologies AG
Part # SLB9673TPM2
Download  SLB9673TPM2 Download
File Size   565.67 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIGA™ TPM

SLB9673TPM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLB9673TPM2 Datasheet PDF - Infineon Technologies AG

Part # SLB9673TPM2
Download  SLB9673TPM2 Click to download

File Size   565.67 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIGA™ TPM

SLB9673TPM2 Datasheet (HTML) - Infineon Technologies AG


SLB9673TPM2 Product details

Key features
• Optimized TPM device for IoT and ICT applications
• Compliant to TPM Main Specification, Family "2.0", Level 00, Revision 01.59
• Certifications:
– CC, Version 3.1 Rev.5, level EAL4+, AVA_VAN.4 (moderate) according to TCG PC Client TPM Protection Profile (targeted)
– FIPS 140-2 level 2 (physical security level 3) (targeted)
• I2C interface
• Random Number Generator (RNG) implemented according to NIST SP800-90A using entropy source according to NIST SP800-90B
• Full personalization with 4 Endorsement Keys (EK) and 4 EK certificates (RSA 2048, RSA3072, ECC NIST P256, ECC NIST P384)
• Standard temperature range (-40°C .. +85°C) or enhanced temperature range (-40°C .. +105°C)
• PG-UQFN-32-1,-2 package
• Optimized for battery operated devices: low standby power consumption (typ. 120 μA)
• 24 PCRs (SHA-1, SHA-256 or SHA384)
• 51 kByte NV memory
• Unlimited amount of NV counters (only depending on NV memory utilization)
• Up to 3 loaded sessions (TPM_PT_HR_LOADED_MIN)
• Up to 64 active sessions (TPM_PT_ACTIVE_SESSIONS_MAX)
• Up to 3 loaded transient Objects (TPM_PT_HR_TRANSIENT_MIN)
• Up to 7 loaded persistent Objects (TPM_PT_HR_PERSISTENT_MIN)
• Pre-generation of up to 7 RSA key pairs
• RSA key generation (1024, 2048, 3072 and 4096 bit)
• ECC (NIST P256, BN P256, NIST P384)
• SHA1, SHA256, SHA384




Similar Part No. - SLB9673TPM2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLB9673TPM2.0 INFINEON-SLB9673TPM2.0 Datasheet
564Kb / 22P
OPTIGA™ TPM
Revision 1.1 2022-07-08
More results


Similar Description - SLB9673TPM2

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB208 AXIOMTEK-IMB208 Datasheet
216Kb / 1P
TPM 1.2 supported
logo
AAEON Technology
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
supports tpm
IMBM-Q170A AAEON-IMBM-Q170A Datasheet
375Kb / 2P
tpm support
logo
Infineon Technologies A...
32AIA010MH INFINEON-32AIA010MH Datasheet
902Kb / 40P
OPTIGA??Trust M
Revision 3.10 2020-09-24
SLB9645TPM1.2 INFINEON-SLB9645TPM1.2 Datasheet
469Kb / 20P
OPTIGA™ TPM
Revision 1.2 2018-09-21
SLB9660TPM1.2 INFINEON-SLB9660TPM1.2 Datasheet
487Kb / 23P
OPTIGA™ TPM
Revision 1.2 2018-09-21
SLB9672TPM2.0 INFINEON-SLB9672TPM2.0 Datasheet
517Kb / 21P
OPTIGA™ TPM
Revision 1.0 2022-01-20
SLB9673TPM2.0 INFINEON-SLB9673TPM2.0 Datasheet
564Kb / 22P
OPTIGA™ TPM
Revision 1.1 2022-07-08
SLS32AIA020U23 INFINEON-SLS32AIA020U23 Datasheet
1Mb / 37P
OPTIGA™ Trust Charge
AN235196 INFINEON-AN235196 Datasheet
303Kb / 11P
Provisioning OPTIGA™ Trust Charge for WLC transmitters
Rev. 2022-05-02
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com