Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2505 Datasheet (PDF) - Texas Instruments

TPS2505 Datasheet PDF - Texas Instruments
Part # TPS2505
Download  TPS2505 Download
File Size   1788.92 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2505 Integrated Dual USB Switches, Boost Converter and LDO

TPS2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2505 Datasheet PDF - Texas Instruments

Part # TPS2505
Download  TPS2505 Click to download

File Size   1788.92 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2505 Integrated Dual USB Switches, Boost Converter and LDO

TPS2505 Datasheet (HTML) - Texas Instruments


TPS2505 Product details

1 Features
1• Integrated Synchronous Boost Converter, LDO,
and Dual USB Current-Limited Switches
• 1.8-V to 5.25-V Input Voltage
(2.2-V Minimum Start-Up Voltage)
• Adjustable Independent USB Current Limit
– 100 mA to 1100 mA
• Auxiliary 5.1-V Output
• 3.3-V Linear Regulator Output
• Inrush Current < 100 mA
• Minimal External Components Required
• Deglitched Independent Fault Reporting
• Small 5-mm × 5-mm QFN-20 Package
• Industrial Temperature Range

2 Applications
• Portable Applications Using Single Li+ Cell
• Bus Powered USB Hosts
• USB Hosts Without Native 5-V Supplies
• Computer Peripherals

3 Description
The TPS2505 device provides an integrated solution
to meet USB 5-V power requirements from a 1.8-V to
5.25-V input supply. The features include a 5.1-V,
1100-mA boost converter, a 200-mA, 3.3-V LDO
linear regulator and dual USB 2.0 compliant power
outputs with independent output switch enable,
current limit, and overcurrent fault reporting.
The 1.8-V to 5.25-V input can be supplied by sources
including DC-DC regulated supplies (for example, 3.3
V), or batteries such as single cell Li+, two-cell or
three-cell NiCd, NiMH or alkaline.
The output trip current for the dual USB switches can
be programmed through external resistors from as
low as 100 mA to as high as 1100 mA.
An auxiliary 5.1-V output is provided, where the total
current supplied by the USB outputs and the auxiliary
by cannot exceed 1100 mA.




Similar Part No. - TPS2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS2505B1RGWR TI-TPS2505B1RGWR Datasheet
849Kb / 28P
INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS2505B1RGWR TI1-TPS2505B1RGWR Datasheet
1Mb / 33P
Integrated Dual USB Switches, Boost Converter and LDO
TPS2505BRGWR TI1-TPS2505BRGWR Datasheet
1Mb / 33P
Integrated Dual USB Switches, Boost Converter and LDO
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
Integrated Dual USB Switches, Boost Converter and LDO
More results


Similar Description - TPS2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Richtek Technology Corp...
RT9287A RICHTEK-RT9287A Datasheet
309Kb / 14P
Boost Converter for WLED Power with Dual LDO
logo
Linear Technology
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
Texas Instruments
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
Integrated Dual USB Switches, Boost Converter and LDO
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
Integrated Boost Converter
logo
Silicon Mitus, Inc.
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com