Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2543 Datasheet (PDF) - Texas Instruments

TPS2543 Datasheet PDF - Texas Instruments
Part # TPS2543
Download  TPS2543 Download
File Size   1543.32 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB Charging Port Controller and Power Switch with Load Detection

TPS2543 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2543 Datasheet PDF - Texas Instruments

Part # TPS2543
Download  TPS2543 Click to download

File Size   1543.32 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB Charging Port Controller and Power Switch with Load Detection

TPS2543 Datasheet (HTML) - Texas Instruments


TPS2543 Product details

1 Features
1• D+/D– CDP/DCP Modes per USB Battery
Charging Specification 1.2
• D+/D– Shorted Mode per Chinese
Telecommunication Industry Standard
YD/T 1591-2009
• Supports non-BC1.2 Charging Modes by
Automatic Selection
– D+/D– Divider Modes 2 V / 2.7 V
and 2.7 V / 2 V
• Supports Sleep-Mode Charging and
Mouse/Keyboard (Low-Speed Only) Wake Up
• Load Detection for Both Power Supply Control in
S4/S5 Charging and Port Power Management in
all Charge Modes
• Compatible with USB 2.0 and 3.0 Power Switch
Requirements
• Integrated 73-mΩ (Typical) High-Side MOSFET
• Adjustable Current-Limit up to 3 A (Typical)
• Operating Range: 4.5 V to 5.5 V
• Drop-In Compatible with TPS2540/40A
• Max Device Current:
– 2 μA When Device Disabled
– 260 μA When Device Enabled
• Available in 16-Pin QFN (3 x 3) Package
• UL Listed and CB File No. E169910

2 Applications
• USB Ports (Host and Hubs)
• Notebook Desktop PCs
• Universal Wall Charging Adapters

3 Description
The TPS2543 is a USB charging port controller and
power switch with an integrated USB 2.0 high-speed
data line (D+/D–) switch. TPS2543 provides the
electrical signatures on D+/D– lines to support
charging schemes listed under device feature section.
TI tests charging of popular mobile phones, tablets
and media devices with the TPS2543 to ensure
compatibility with both BC1.2 compliant and non-
BC1.2 compliant devices.
In addition to charging popular devices, the TPS2543
also supports two distinct power management
features, namely, power wake and port power
management (PPM) via the STATUS pin. Power
wake allows for power supply control in S4/S5
charging and PPM the ability to manage port power in
a multi-port applications. Additionally, system wake
up (from S3) with a mouse/keyboard (low speed only)
is also supported in the TPS2543.
The TPS2543 73-mΩ power-distribution switch is
intended for applications where heavy capacitive
loads and short-circuits are likely to be encountered.
Two programmable current thresholds provide
flexibility for setting current limits and load detect
thresholds.




Similar Part No. - TPS2543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543QRTERQ1 TI1-TPS2543QRTERQ1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543QRTETQ1 TI1-TPS2543QRTETQ1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543RTER TI1-TPS2543RTER Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
More results


Similar Description - TPS2543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
USB Charging Port Controller and Load Detection Power Switch
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com