Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2549 Datasheet (PDF) - Texas Instruments

TPS2549 Datasheet PDF - Texas Instruments
Part # TPS2549
Download  TPS2549 Download
File Size   2021.41 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2549 USB Charging Port Controller and Power Switch With Cable Compensation

TPS2549 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2549 Datasheet PDF - Texas Instruments

Part # TPS2549
Download  TPS2549 Click to download

File Size   2021.41 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2549 USB Charging Port Controller and Power Switch With Cable Compensation

TPS2549 Datasheet (HTML) - Texas Instruments


TPS2549 Product details

1 Features
1• 4.5-V to 6.5-V Operating Range
• 47-mΩ (typical) High-Side MOSFET
• 3-A Maximum Continuous Output Current
• ±5% CS Output for Cable Compensation
• CDP Mode per USB Battery Charging
Specification 1.2
• Automatic DCP Modes Selection:
– Shorted Mode per BC1.2 and YD/T 1591-2009
– 2.7-V Divider 3 Mode
– 1.2-V Mode
• D+ and D– Client Mode for System Update
• D+ and D– Short-to-VBUS Protection
• D+ and D– ±8-kV Contact and ±15-kV Air
Discharge ESD Rating (IEC 61000-4-2)
• UL Recognition and CB Certification Pending
• –40°C to 125°C Junction Operating Temperature
• 16-Pin QFN (3-mm × 3-mm) Package

2 Applications
• USB Ports (Host and Hubs)
• Wall Charging Adapters
• Aftermarket Automotive Chargers

3 Description
The TPS2549 device is a USB charging port
controller and power switch with a current-sense
output that is able to control an upstream supply. This
allows it to maintain 5 V at the USB port even with
heavy charging currents. This is important in systems
with long USB cables where significant voltage drops
can occur while fast-charging portable devices.
The TP2549 47-mΩ power switch has two selectable,
programmable current limits that support port power
management by providing a lower current limit that
can be used when adjacent ports are experiencing
heavy loads. This is important in systems with
multiple ports and an upstream supply unable to
provide full current to all ports simultaneously.
The DCP_Auto scheme detects and selects the
proper D+ and D– settings to communicate with the
attached device, so that it can fast-charge at full
current. The integrated CDP detection enables up to
1.5-A fast charging of most portable devices with
simultaneous data communication.
The unique client-mode feature allows software
updates to client devices, but avoids power conflicts
by turning off the internal power switch while keeping
the data line connection.
Additionally, the TPS2549 device integrates short-to-
VBUS protection for D+ and D– to prevent damage
when D+ and/or D– unexpectedly short to VBUS. To
save space in the application, the TPS2549 device
also integrates ESD protection to pass IEC61000-4-2
without external circuitry on D+ and D–.




Similar Part No. - TPS2549

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2549 TI1-TPS2549 Datasheet
1Mb / 42P
USB Charging Port Controller and Power Switch With Cable Compensation
TPS2549-Q1 TI1-TPS2549-Q1 Datasheet
1Mb / 43P
Automotive USB Charging Port Controller
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900A-Q1 TI1-TPS254900A-Q1 Datasheet
2Mb / 39P
Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900AIRVCRQ1 TI1-TPS254900AIRVCRQ1 Datasheet
2Mb / 39P
Automotive USB Host Charger With Short-to-VBATT Protection
More results


Similar Description - TPS2549

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
USB Charging Port Power Switch and Controller
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
USB Charging Port Controller and Power Switch
TPS2541ARTER TI-TPS2541ARTER Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
TPS2549 TI1-TPS2549 Datasheet
1Mb / 42P
USB Charging Port Controller and Power Switch With Cable Compensation
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
USB Charging Port Power Switch and Controller
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
USB Charging Port Power Switch and Controller
8-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com