Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2560 Datasheet (PDF) - Texas Instruments

TPS2560 Datasheet PDF - Texas Instruments
Part # TPS2560
Download  TPS2560 Download
File Size   1936.69 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS256x Dual Channel Precision Adjustable Current-limited Power Switches

TPS2560 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2560 Datasheet PDF - Texas Instruments

Part # TPS2560
Download  TPS2560 Click to download

File Size   1936.69 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS256x Dual Channel Precision Adjustable Current-limited Power Switches

TPS2560 Datasheet (HTML) - Texas Instruments


TPS2560 Product details

1 Features
• Two separate current limiting channels
• Meets USB current-limiting requirements
• Adjustable current limit: 250 mA to 2.8 A (typ)
• ± 7.5% current-limit accuracy at 2.8 A
• Fast overcurrent response: 3.5 μs (typ)
• Two 44-mΩ high-side MOSFETs
• Operating range: 2.5 V to 6.5 V
• 2-μA maximum standby supply current
• Built-in soft-start
• 15-kV, 8-kV system-level ESD capable
• UL listed: file no. E169910
• CB and Nemko certified

2 Applications
• USB ports, hubs
• Digital TVs
• Set-top boxes
• VOIP phones

3 Description
The TPS2560 and TPS2561 (TPS256x) are dualchannel
power-distribution switches intended for
applications where precision current limiting is
required or heavy capacitive loads and short
circuits are encountered. These devices offer
a programmable current-limit threshold between
250 mA and 2.8 A (typ) per channel through an
external resistor. The power-switch rise and fall times
are controlled to minimize current surges during turn
on and off.
Each channel of the TPS256x devices limit the
output current to a safe level by switching into a
constant-current mode when the output load exceeds
the current-limit threshold. The FAULTx logic output
for each channel independently asserts low during
overcurrent and overtemperature conditions.




Similar Part No. - TPS2560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560 TI-TPS2560 Datasheet
873Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560/61 TI2-TPS2560/61 Datasheet
4Mb / 31P
TPS2559 Precision Adjustable Current-Limited Power-Distribution Switch
REVISED NOVEMBER 2020
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2560A TI2-TPS2560A Datasheet
1Mb / 26P
Dual Channel Precision Adjustable Current-Limited Power Switches
DECEMBER 2011
More results


Similar Description - TPS2560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
Dual Channel Precision Adjustable Current-limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com