Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2660 Datasheet (PDF) - Texas Instruments

TPS2660 Datasheet PDF - Texas Instruments
Part # TPS2660
Download  TPS2660 Download
File Size   3947.41 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2660x 60-V, 2-A Industrial eFuse With Integrated Reverse Input Polarity Protection

TPS2660 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2660 Datasheet PDF - Texas Instruments

Part # TPS2660
Download  TPS2660 Click to download

File Size   3947.41 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2660x 60-V, 2-A Industrial eFuse With Integrated Reverse Input Polarity Protection

TPS2660 Datasheet (HTML) - Texas Instruments


TPS2660 Product details

1 Features
1• 4.2-V to 60-V Operating voltage, 62-V absolute
maximum
• Integrated reverse input polarity protection down
to –60 V
– Zero additional components required
• Integrated back to back MOSFETs with 150-mΩ
total RON
• 0.1-A to 2.23-A Adjustable current limit
(±5% accuracy at 1 A)
• Functional safety capable
– Documentation available to aid functional
safety system design
• Load protection during Surge (IEC 61000-4-5)
with minimum external components
• IMON current indicator output (±8.5% accuracy)
• Low quiescent current, 300-μA in operating, 20-μA
in shutdown
• Adjustable UVLO, OVP cut off, output slew rate
control
• Reverse current blocking
• Fixed 38-V overvoltage clamp (TPS26602 only)
• Available in easy-to-use 16-Pin HTSSOP and 24-
Pin VQFN packages
• Selectable current-limiting fault response options
(Auto-Retry, Latch Off, Circuit Breaker Modes)
• UL 2367 Recognized
– File No. 169910
– RILIM ≥ 5.36 kΩ (2.35-A maximum)
• UL60950 - Safe during single point failure test
– Open/Short ILIM detection

2 Applications
• Programmable logic controller
• Distributed Control System (DCS)
• Control and automation
• Redundant supply ORing
• Industrial surge protection

3 Description
The TPS2660x devices are compact, feature rich high
voltage eFuses with a full suite of protection features.
The wide supply input range of 4.2 to 60 V allows
control of many popular DC bus voltages. The device
can withstand and protect the loads from positive and
negative supply voltages up to ±60 V. Integrated back
to back FETs provide reverse current blocking feature
making the device suitable for systems with output
voltage holdup requirements during power fail and
brownout conditions. Load, source and device
protection are provided with many adjustable features
including overcurrent, output slew rate and
overvoltage, undervoltage thresholds. The internal
robust protection control blocks along with the high
voltage rating of the TPS2660x helps to simplify the
system designs for Surge protection.
A shutdown pin provides external control for enabling
and disabling the internal FETs as well as placing the
device in a low current shutdown mode. For system
status monitoring and downstream load control, the
device provides fault and precise current monitor
output. The MODE pin allows flexibility to configure
the device between the three current-limiting fault
responses (circuit breaker, latch off, and Auto-retry
modes).
The devices are available in a 5-mm × 4.4-mm 16-pin
HTSSOP as well as 5-mm x 4-mm 24-pin VQFN
package and are specified over a –40°C to +125°C
temperature range.




Similar Part No. - TPS2660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2660 TI1-TPS2660 Datasheet
3Mb / 45P
TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2660 TI1-TPS2660 Datasheet
3Mb / 49P
60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600 TI1-TPS26600 Datasheet
3Mb / 45P
TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600 TI1-TPS26600 Datasheet
3Mb / 49P
60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600PWPR TI1-TPS26600PWPR Datasheet
3Mb / 45P
TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
More results


Similar Description - TPS2660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2660 TI1-TPS2660 Datasheet
3Mb / 45P
TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2660 TI1-TPS2660_17 Datasheet
3Mb / 49P
60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com