Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3701DDCT Datasheet (PDF) - Texas Instruments

TPS3701DDCT Datasheet PDF - Texas Instruments
Part # TPS3701DDCT
Download  TPS3701DDCT Download
File Size   744.58 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3701 High voltage (36V) window voltage detector with internal reference for over and undervoltage monitoring

TPS3701DDCT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3701DDCT Datasheet PDF - Texas Instruments

Part # TPS3701DDCT
Download  TPS3701DDCT Click to download

File Size   744.58 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3701 High voltage (36V) window voltage detector with internal reference for over and undervoltage monitoring

TPS3701DDCT Datasheet (HTML) - Texas Instruments


TPS3701DDCT Product details

1 Features
1• Wide supply voltage range: 1.8 V to 36 V
• Adjustable threshold: down to 400 mV
• Open-drain outputs for over- and undervoltage
detection
• Low quiescent current: 7 μA (Typical)
• High threshold accuracy:
– 0.75% Over temperature
– 0.25% (Typical)
• Internal hysteresis: 5.5 mV (typical)
• Temperature range: –40°C to 125°C
• Package:
– SOT-6

2 Applications
• Industrial control systems
• Embedded computing modules
• DSPs, microcontrollers, and microprocessors
• Notebook and desktop computers
• Portable- and battery-powered products
• FPGA and ASIC systems

3 Description
The TPS3701 wide-supply voltage window detector
operates over a 1.8-V to 36-V range. The device has
two precision comparators with an internal 400-mV
reference and two open-drain outputs (OUTA and
OUTB) rated to 25 V for over- and undervoltage
detection. Use the TPS3701 as a window voltage
detector or as two independent voltage monitors; set
the monitored voltage with the use of external
resistors.
OUTA is driven low when the voltage at the INA pin
drops below the negative threshold, and goes high
when the voltage returns above the positive
threshold. OUTB is driven low when the voltage at
the INB pin rises above the positive threshold, and
goes high when the voltage drops below the negative
threshold. Both comparators in the TPS3701 include
built-in hysteresis for noise rejection, thereby
ensuring stable output operation without false
triggering.
The TPS3701 is available in a SOT-6 package and is
specified over the junction temperature range of
–40°C to 125°C.




Similar Part No. - TPS3701DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3701DDCT TI-TPS3701DDCT Datasheet
1Mb / 27P
TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
More results


Similar Description - TPS3701DDCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6170 ETC1-V6170 Datasheet
165Kb / 12P
Accurate Voltage Window Surveillance and Software Monitoring
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700_15 Datasheet
1,014Kb / 28P
TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3711 TI1-TPS3711 Datasheet
887Kb / 23P
36V Voltage Detector
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
Window Comparator for Over- and Undervoltage Detection
logo
ETA SOLUTIONS CO. LIMIT...
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
36V INPUT VOLTAGE DETECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com