Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1273 Datasheet (PDF) - Analog Devices

ADM1273 Datasheet PDF - Analog Devices
Part # ADM1273
Download  ADM1273 Download
File Size   1242.16 Kbytes
Page   58 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Positive Hot-Swap Controller and Digital Power Monitor with PMBus

ADM1273 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1273 Datasheet PDF - Analog Devices

Part # ADM1273
Download  ADM1273 Click to download

File Size   1242.16 Kbytes
Page   58 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Positive Hot-Swap Controller and Digital Power Monitor with PMBus

ADM1273 Datasheet (HTML) - Analog Devices


ADM1273 Product details

FEATURES
► Drop-in replacement to ADM1272
► Controls supply voltages from 16V to 80V (absolute maximum
120V)
► High voltage (80V) IPC-9592 compliant packaging
► <500ns response time to short circuit
► FET energy monitoring for adaptable FET SOA protection
► Gate boost mode for fast recovery from OC transients
► Programmable random start mode to stagger power-on
► FET fault detection
► Remote temperature sensing with programmable warning and
shutdown thresholds
► Programmable 2.5mV to 30mV system current-limit setting range
► ±0.85% accurate current measurement with 12-bit ADC
► ILOAD, VIN, VOUT, temperature, power, and energy telemetry
► Programmable start-up current limit
► Programmable linear output voltage soft start
► 1% accurate UV and OV thresholds
► Programmable hot-swap restart function
► 2 programmable GPIO pins
► Reports power and energy consumption
► Peak detect registers for current, voltage, and power
► PMBus fast mode compliant interface
► 48-lead, 7 mm × 8 mm LFCSP




Similar Part No. - ADM1273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
More results


Similar Description - ADM1273

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
Positive High Voltage Hot Swap Controller
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
Hot Swap Controller and Digital Power Monitor with Convert Pin
9/06-Revision 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
Linear Technology
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
Positive High Voltage Hot Swap Controller
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
REV. A
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
LTC4287 AD-LTC4287 Datasheet
2Mb / 77P
High Power Positive Hot Swap Controller with Power Monitor
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com