Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA1120ACPZN Datasheet (PDF) - Analog Devices

ADPA1120ACPZN Datasheet PDF - Analog Devices
Part # ADPA1120ACPZN
Download  ADPA1120ACPZN Download
File Size   1011.08 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier

ADPA1120ACPZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPA1120ACPZN Datasheet PDF - Analog Devices

Part # ADPA1120ACPZN
Download  ADPA1120ACPZN Click to download

File Size   1011.08 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier

ADPA1120ACPZN Datasheet (HTML) - Analog Devices


ADPA1120ACPZN Product details

FEATURES
► Internally matched and AC-coupled, 4.5W, GaN power amplifier
► Integrated temperature-compensated RF power detector
► POUT: 36.5dBm typical with PIN = 1dBm from 9.5GHz to 11.5GHz
► Small signal gain: 38.5dB typical from 9.5GHz to 11.5GHz
► Power gain: 35.5dB typical with PIN = 1dBm from 9.5GHz to
11.5GHz
► PAE: 47% typical with PIN = 1dBm from 9.5GHz to 11.5GHz
► Supply voltage: 20V at 50mA on 10% duty cycle
► 32-lead, 5mm × 5mm, LFCSP




Similar Part No. - ADPA1120ACPZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1122 AD-ADPA1122 Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
ADPA1122-EVALZ AD-ADPA1122-EVALZ Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
ADPA1122AEHZ AD-ADPA1122AEHZ Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
ADPA1122AEHZ-R7 AD-ADPA1122AEHZ-R7 Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
More results


Similar Description - ADPA1120ACPZN

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2710 TRIQUINT-TGA2710 Datasheet
193Kb / 15P
10.5 - 12GHz High Power Amplifier
logo
Pasternack Enterprises,...
PE7116 PASTERNACK-PE7116 Datasheet
117Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12GHz SWITCH TYPE:SPDT
PE7137 PASTERNACK-PE7137 Datasheet
242Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE: 8GHz TO 12GHz
logo
United Monolithic Semic...
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
8-12GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA2598 TRIQUINT-TGA2598_15 Datasheet
581Kb / 13P
6 12GHz 2W GaN Driver Amplifier
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
logo
United Monolithic Semic...
CHA6005-QEG UMS-CHA6005-QEG_15 Datasheet
541Kb / 12P
8-12GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
6 to 12GHz, 30W GaN Power Amplifier
logo
United Monolithic Semic...
CHA6015-99F UMS-CHA6015-99F Datasheet
1Mb / 14P
2-8GHz High Power Amplifier
logo
Rohm
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com