Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT338MTER Datasheet (PDF) - Jiaxing Heroic Technology Co.,Ltd.

HT338MTER Datasheet PDF - Jiaxing Heroic Technology Co.,Ltd.
Part # HT338MTER
Download  HT338MTER Download
File Size   1404.81 Kbytes
Page   19 Pages
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.
Description 2X50W Class D Stereo Amplifier

HT338MTER Datasheet (PDF)

Go To PDF Page Download Datasheet
HT338MTER Datasheet PDF - Jiaxing Heroic Technology Co.,Ltd.

Part # HT338MTER
Download  HT338MTER Click to download

File Size   1404.81 Kbytes
Page   19 Pages
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.
Description 2X50W Class D Stereo Amplifier

HT338MTER Datasheet (HTML) - Jiaxing Heroic Technology Co.,Ltd.


HT338MTER Product details

FEATURES
・Output Power (BTL)
2×40W (VDD=18V, RL=4Ω, THD+N=10%)
2×50W (VDD=24V, RL=6Ω, THD+N=10%)
2×40W (VDD=24V, RL=8Ω, THD+N=10%)
・Output Power (PBTL)
80W (VDD=24V, RL=4Ω, THD+N=10%)
100W (VDD=24V, RL=3Ω, THD+N=10%)
・Single Wide Voltage Supply: 4.5V-26V
・Efficiency > 90%
・Spread spectrum function
・MUTE function
・Differential / Single-ended Analog Input, BTL or
PBTL Output
・Selectable Gain: 32dB or 26dB
・Integrated Self-protection Circuits Including
Overvoltage, Undervoltage, Overtemperature, DCdetect, and Overcurrent with Error Reporting
・LF and HF Package of ETSSOP28




Similar Part No. - HT338MTER

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HT331K CDE-HT331K Datasheet
201Kb / 2P
Ceramic Capacitors
HT332K CDE-HT332K Datasheet
201Kb / 2P
Ceramic Capacitors
More results


Similar Description - HT338MTER

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
Class-D Stereo Power Amplifier Controller
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
Class-D Stereo Power Amplifier Controller
logo
Maxim Integrated Produc...
MAX98306_1108 MAXIM-MAX98306_1108 Datasheet
2Mb / 14P
Stereo 3.7W Class D Amplifier
Rev 1; 8/11
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
APA3176 ANPEC-APA3176 Datasheet
737Kb / 45P
20W Stereo Digital Class-D Amplifier
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
20W Stereo Class-D Audio Amplifier
logo
Infineon Technologies A...
MA5332MS INFINEON-MA5332MS Datasheet
3Mb / 60P
200W Stereo, Integrated Class D Amplifier
V 2.0 9/24/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com