Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3711 Datasheet (PDF) - Texas Instruments

TPS3711 Datasheet PDF - Texas Instruments
Part # TPS3711
Download  TPS3711 Download
File Size   925.86 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3711 36-V Voltage Detector

TPS3711 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3711 Datasheet PDF - Texas Instruments

Part # TPS3711
Download  TPS3711 Click to download

File Size   925.86 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3711 36-V Voltage Detector

TPS3711 Datasheet (HTML) - Texas Instruments


TPS3711 Product details

1 Features
• Wide supply voltage range: 1.8 V to 36 V
• Adjustable threshold: down to 400 mV
• Open-drain output for undervoltage detection
• Low quiescent current: 7 μA (typical)
• High threshold accuracy:
– 0.75% Overtemperature
– 0.25% (typical)
• Internal hysteresis: 5.5 mV (typical)
• Temperature range: –40°C to +125°C
• Package: SOT-6

2 Applications
• Industrial control systems
• Embedded computing modules
• DSPs, microcontrollers, and microprocessors
• Notebook and desktop computers
• Portable and battery-powered products
• FPGA and ASIC systems

3 Description
The TPS3711 wide-supply voltage comparator
operates over a 1.8-V to 36-V range. The device
has a precision comparator with an internal 400 mV
reference and an open-drain output rated to 25 V
for undervoltage detection. Set the monitored voltage
with the use of external resistors.
OUT is driven low when the voltage at the SENSE
pin drops below the negative threshold, and goes
high when the voltage returns above the positive
threshold. The comparator in the TPS3711 includes
built-in hysteresis for noise rejection, thereby ensuring
stable output operation without false triggering.
The TPS3711 is available in a SOT-6 package, and
is specified over the junction temperature range of –
40°C to +125°C.




Similar Part No. - TPS3711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3711 TI1-TPS3711 Datasheet
887Kb / 23P
36V Voltage Detector
TPS3711 TI2-TPS3711 Datasheet
919Kb / 24P
TPS3711 36-V Voltage Detector
REVISED DECEMBER 2023
TPS3711DDCR TI1-TPS3711DDCR Datasheet
887Kb / 23P
36V Voltage Detector
TPS3711DDCR TI2-TPS3711DDCR Datasheet
919Kb / 24P
TPS3711 36-V Voltage Detector
REVISED DECEMBER 2023
TPS3711DDCR.A TI2-TPS3711DDCR.A Datasheet
919Kb / 24P
TPS3711 36-V Voltage Detector
REVISED DECEMBER 2023
More results


Similar Description - TPS3711

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
TOKO, Inc
TK610XX TOKO-TK610XX Datasheet
52Kb / 8P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
ETAL Group
E-1072-220 ETAL-E-1072-220 Datasheet
206Kb / 4P
Voltage rating DC 24 V (19.2...36 V)
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com