Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B96TD Datasheet (PDF) - NXP Semiconductors

P82B96TD Datasheet PDF - NXP Semiconductors
Part # P82B96TD
Download  P82B96TD Download
File Size   439.74 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual bidirectional bus buffer

P82B96TD Datasheet (PDF)

Go To PDF Page Download Datasheet
P82B96TD Datasheet PDF - NXP Semiconductors

Part # P82B96TD
Download  P82B96TD Click to download

File Size   439.74 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual bidirectional bus buffer

P82B96TD Datasheet (HTML) - NXP Semiconductors


P82B96TD Product details

General description
The P82B96 is a bipolar IC that creates a non-latching, bidirectional, logic interface between the normal I2C-bus and a range of other bus configurations. It can interface I2Cbus logic signals to similar buses having different voltage and current levels.
For example, it can interface to the 350 μA SMBus, to 3.3 V logic devices, and to 15 V levels and/or low-impedance lines to improve noise immunity on longer bus lengths.
It achieves this interface without any restrictions on the normal I2C-bus protocols or clock speed. The IC adds minimal loading to the I2C-bus node, and loadings of the new bus or remote I2C-bus nodes are not transmitted or transformed to the local node. Restrictions on the number of I2C-bus devices in a system, or the physical separation between them, are virtually eliminated. Transmitting SDA and SCL signals via balanced transmission lines (twisted pairs) or with galvanic isolation (opto-coupling) is simple because separate directional Tx and Rx signals are provided. The Tx and Rx signals may be directly connected, without causing latching, to provide an alternative bidirectional signal line with I2C-bus properties.

Features
• Bidirectional data transfer of I2C-bus signals
• Isolates capacitance allowing 400 pF on Sx/Sy side and 4000 pF on Tx/Ty side
• Tx/Ty outputs have 60 mA sink capability for driving low-impedance or high capacitive buses
• 400 kHz operation over at least 20 meters of wire (see AN10148)
• Supply voltage range of 2 V to 15 V with I2C-bus logic levels on Sx/Sy side independent of supply voltage
• Splits I2C-bus signal into pairs of forward/reverse Tx/Rx, Ty/Ry signals for interface with opto-electrical isolators and similar devices that need unidirectional input and output signal paths.
• Low power supply current
• ESD protection exceeds 3500 V HBM per JESD22-A114 and 1000 V CDM per JESD22-C101
• Latch-up free (bipolar process with no latching structures)
• Packages offered: SO8 and TSSOP8

Applications
• Interface between I2C-buses operating at different logic levels (for example, 5 V and 3 V or 15 V)
• Interface between I2C-bus and SMBus (350 μA) standard
• Simple conversion of I2C-bus SDA or SCL signals to multi-drop differential bus hardware, for example, via compatible PCA82C250
• Interfaces with opto-couplers to provide opto-isolation between I2C-bus nodes up to 400 kHz




Similar Part No. - P82B96TD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96TD PHILIPS-P82B96TD Datasheet
217Kb / 16P
Dual bi-directional bus buffer
2004 Mar 26
P82B96TD PHILIPS-P82B96TD Datasheet
165Kb / 26P
Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96TD NXP-P82B96TD Datasheet
514Kb / 32P
Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96TD NXP-P82B96TD Datasheet
514Kb / 32P
Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96TD NXP-P82B96TD Datasheet
514Kb / 32P
Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Similar Description - P82B96TD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
Dual bidirectional bus buffer
Rev. 04-11 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
Dual bidirectional bus buffer
Rev. 5-5 May 2011
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
Dual bidirectional bus buffer
Rev. 2-6 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
QUAD BIDIRECTIONAL BUS BUFFER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com