Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4018 Datasheet (PDF) - STMicroelectronics

HCF4018 Datasheet PDF - STMicroelectronics
Part # HCF4018
Download  HCF4018 Download
File Size   272.85 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-BIT ARITHMETIC LOGIC UNIT

HCF4018 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4018 Datasheet PDF - STMicroelectronics

Part # HCF4018
Download  HCF4018 Click to download

File Size   272.85 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-BIT ARITHMETIC LOGIC UNIT

HCF4018 Datasheet (HTML) - STMicroelectronics


HCF4018 Product details

Description
The HCC40181B (extended temperature range) and HCF40181B (intermediate temperature range) are monolithic integrated circuits, available in 24lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF40181B is a low-power four-bit parallel arithmetic logic unit (ALU) capable of providing 16 binary arithmetic operations on two four-bit words and16 logical functions of two Boolean variables. The mode control input M selects logical (M = High) or arithmetic (M = Low) operation. The four select inputs (S0, S1, S2, and S3) select thedesired logical or arithmetic functions,which include AND, OR,NAND, NOR, and exclusive-OR and-NOR in the logical mode, and addition, subtraction, decrement, left-shift and straight transfer in the arithmetic mode, according to the truth table. The HCC/HCF40181B operation may be interpreted with either active-low or activehigh data at the A andB word inputs and the function outputs F, by using the appropriate truth table. The HCC/HCF40181B contains logic for full look-ahead carry operation for fast carry generation using the carry-generate and carry-propagate outputs G and EY (Plastic Package) F (Ceramic Frit Seal Package)




Similar Part No. - HCF4018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4018 STMICROELECTRONICS-HCF4018 Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
HCF4018 STMICROELECTRONICS-HCF4018 Datasheet
273Kb / 12P
PRESETTABLE DIVIDE-BY-N COUNTER
Jun-1989
HCF40182B STMICROELECTRONICS-HCF40182B Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
HCF40182BM1 STMICROELECTRONICS-HCF40182BM1 Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
HCF4018B STMICROELECTRONICS-HCF4018B Datasheet
273Kb / 12P
PRESETTABLE DIVIDE-BY-N COUNTER
Jun-1989
More results


Similar Description - HCF4018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
4-Bit Arithmetic Logic Unit
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
4-Bit Arithmetic Logic Unit
logo
Fairchild Semiconductor
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
4-Bit Arithmetic Logic Unit
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
4-Bit Arithmetic Logic Unit
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
National Semiconductor ...
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
4-BIT ARITHMETIC LOGIC UNIT
logo
Motorola, Inc
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
4-BIT ARITHMETIC LOGIC UNIT
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
4-Bit Arithmetic Logic Unit
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com