Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22917 Datasheet (PDF) - Texas Instruments

TPS22917 Datasheet PDF - Texas Instruments
Part # TPS22917
Download  TPS22917 Download
File Size   1666.66 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22917x 1 V–5.5-V, 2-A, 80-mΩ Ultra-Low Leakage Load Switch

TPS22917 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22917 Datasheet PDF - Texas Instruments

Part # TPS22917
Download  TPS22917 Click to download

File Size   1666.66 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22917x 1 V–5.5-V, 2-A, 80-mΩ Ultra-Low Leakage Load Switch

TPS22917 Datasheet (HTML) - Texas Instruments


TPS22917 Product details

1 Features
• Input operating voltage range (VIN): 1 V to 5.5 V
• Maximum continuous current (IMAX): 2 A
• On-resistance (RON):
– 5 VIN = 80 mΩ (typical)
– 1.8 VIN = 120 mΩ (typical)
– 1 VIN = 220 mΩ (typical)
• Ultra-low power consumption:
– ON state (IQ): 0.5 μA (typical)
– OFF state (ISD): 10 nA (typical)
• Smart ON pin pulldown (RPD):
– ON ≥ VIH (ION): 10 nA (maximum)
– ON ≤ VIL (RPD): 750 kΩ (typical)
• Adjustable turn ON limits inrush current (tON):
– 5-V tON = 100 μs at 72 mV/μs (CT = open)
– 5-V tON = 4000 μs at 2.3 mV/μs (CT = 1000 pF)
• Adjustable output discharge and fall time:
– Optional QOD resistance ≥ 150 Ω (internal)
• Always-ON true Reverse Current Blocking (RCB):
– Activation current (IRCB): –500 mA (typical)
– Reverse leakage (IIN,RCB): –1 μA (maximum)

2 Applications
• Industrial systems
• Set top box
• Blood glucose meters
• Electronic point of sale

3 Description
The TPS22917x device is a small, single channel load
switch using a low leakage P-Channel MOSFET for
minimum power loss. Advanced gate control design
supports operating voltages as low as 1 V with
minimal increase in ON-Resistance and power loss.
The Rise and Fall times can be independently
adjusted with external components for system level
optimizations. The timing capacitor (CT) and turn
on time can be adjusted to manage inrush current
without adding unnecessary system delays. The
output discharge resistance (QOD) can be used to
adjust the output fall time. Connect the QOD pin
directly to the output for a fastest fall time or leave
it open for the slowest fall time.
The switch ON state is controlled by a digital input
that can interface directly with low-voltage control
signals. The TPS22917 uses active high enable logic,
while the TPS22917L uses active low. When power is
first applied, a Smart Pulldown is used to keep the ON
pin from floating until system sequencing is complete.
After the ON pin is deliberately driven high (≥VIH),
the Smart Pulldown (RPD) is disconnected to prevent
unnecessary power loss.
The TPS22917x device is available in a leaded
SOT-23 package (DBV) which allows visual inspection
of solder joints. The device is characterized for
operation over a temperature range of –40°C to
125°C.




Similar Part No. - TPS22917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
1Mb / 27P
1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI-TPS22917 Datasheet
2Mb / 29P
TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917DBVR TI1-TPS22917DBVR Datasheet
1Mb / 27P
1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917DBVR TI-TPS22917DBVR Datasheet
2Mb / 29P
TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
More results


Similar Description - TPS22917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS7H2221-SEP TI-TPS7H2221-SEP Datasheet
1Mb / 26P
TPS7H2221-SEP Radiation Tolerant 5.5-V, 1.25-A, 115-mΩ Load Switch
AUGUST 2022
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
logo
Renesas Technology Corp
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com