Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22929D Datasheet (PDF) - Texas Instruments

TPS22929D Datasheet PDF - Texas Instruments
Part # TPS22929D
Download  TPS22929D Download
File Size   666.08 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22929D Ultra-Small, Low on Resistance Load Switch With Controlled Turn-on

TPS22929D Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22929D Datasheet PDF - Texas Instruments

Part # TPS22929D
Download  TPS22929D Click to download

File Size   666.08 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22929D Ultra-Small, Low on Resistance Load Switch With Controlled Turn-on

TPS22929D Datasheet (HTML) - Texas Instruments


TPS22929D Product details

1 Features
1• Integrated Single Load Switch
• Small SOT23-6 Package
• Input Voltage Range: 1.4 V to 5.5 V
• Low ON-Resistance
– r ON = 115 mΩ at VIN = 5 V
– rON = 115 mΩ at VIN = 3.3 V
– r ON = 118 mΩ at VIN = 2.5 V
– rON = 129 mΩ at VIN = 1.5 V
• 1.8-A Continuous Switch Current (25°C)
• Low Threshold Control Input
• Controlled Slew-rate
• Under-Voltage Lock Out
• Quick Output Discharge
• Reverse Current Protection

2 Applications
• Portable Industrial Equipment
• Portable Medical Equipment
• Portable Media Players
• Point Of Sales Terminal
• GPS Devices
• Digital Cameras
• Portable Instrumentation
• Smartphones

3 Description
The TPS22929D is a small, low rON load switch with
controlled turn on. The device contains a P-channel MOSFET that can operate over an input voltage
range of 1.4 V to 5.5 V. The switch is controlled by an
on/off input (ON), which is capable of interfacing
directly with low-voltage control signals. The
TPS22929D is active high enable.
The TPS22929D contains a 150-Ω on-chip load
resistor for quick output discharge when the switch is
turned off. The rise time of the device is internally
controlled in order to avoid inrush current.
The TPS22929D device provides circuit breaker
functionality by latching off the power-switch during
reverse voltage situations. An internal reverse voltage comparator disables the power-switch when the
output voltage (VOUT) is driven higher than the input
(VIN) to quickly (10 μs typ) stop the flow of current
towards the input side of the switch. Reverse current
is always active, even when the power-switch is
disabled. Additionally, under-voltage lockout (UVLO)
protection turns the switch off if the input voltage is
too low.
The TPS22929D is available in a small, space-saving
6-pin SOT23 package and is characterized for
operation over the free-air temperature range of
–40°C to 85°C.




Similar Part No. - TPS22929D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22929DDBVR TI1-TPS22929DDBVR Datasheet
746Kb / 21P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22929DDBVT TI1-TPS22929DDBVT Datasheet
746Kb / 21P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results


Similar Description - TPS22929D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
logo
Advanced Power Electron...
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com