Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22941 Datasheet (PDF) - Texas Instruments

TPS22941 Datasheet PDF - Texas Instruments
Part # TPS22941
Download  TPS22941 Download
File Size   775.44 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2294x Low-input-voltage Current-limited Load Switches With Shut Off And Auto- Restart Feature

TPS22941 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22941 Datasheet PDF - Texas Instruments

Part # TPS22941
Download  TPS22941 Click to download

File Size   775.44 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2294x Low-input-voltage Current-limited Load Switches With Shut Off And Auto- Restart Feature

TPS22941 Datasheet (HTML) - Texas Instruments


TPS22941 Product details

1 Features
1• Input Voltage Range: 1.62 V to 5.5 V
• Low ON resistance
– rON = 0.4 Ω at VIN = 5.5 V
– rON = 0.5 Ω at VIN = 3.3 V
– r ON = 0.6 Ω at VIN = 2.5 V
– rON = 0.8 Ω at VIN = 1.8 V
• Minimum Current Limit: 40 mA or 100 mA
• Undervoltage Lockout (UVLO)
• Thermal Shutdown
• Shutdown Current < 1 μA
• Fast Current Limit Response Time
• Fault Blanking
• Auto Restart
• 1.8-V Compatible Control Input Thresholds
• ESD Performance Tested Per JESD 22
– 4000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
• Tiny SC-70 (DCK) Package
• UL Recognized Component (UL File 169910)
• Evaluated to IEC 60950-1, Ed 2, Am1, Annex CC,
Test Program 2 with CB Report

2 Applications
• Low-Current Sensor Protection
• HDMI Connector Protection
• Notebooks
• PDAs
• GPS Devices
• MP3 Players
• Peripheral Ports

3 Description
The TPS22941/2/3/4/5 load switches provide
protection to systems and loads in high-current conditions. The devices contain a 0.4-Ω current-
limited P-channel MOSFET that can operate over an
input voltage range of 1.62 V to 5.5 V. Current is
prevented from flowing when the MOSFET is off. The
switch is controlled by an on/off input (ON), which is
capable of interfacing directly with low-voltage control
signals. The TPS22941/2/3/4/5 includes thermal
shutdown protection that prevents damage to the
device when a continuous over-current condition
causes excessive heating by turning off the switch.
These devices provide an integrated, robust solution
to provide current limiting the output current to a safe
level by switching into a constant-current mode when
the ouptut load exceeds the current-limit threshold.
The OC logic output asserts low during overcurrent, undervoltage, or overtemperature conditions. These
additional features make the TPS22941/2/3/4/5 an
ideal solution for applications where current limiting is
necessary.
This family of devices are available in a SC70-5
(DCK) package. It is characterized for operation over
the free-air temperature range of –40°C to 85°C.




Similar Part No. - TPS22941

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22941 TI-TPS22941 Datasheet
542Kb / 19P
LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22941 TI-TPS22941 Datasheet
542Kb / 19P
LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22941 TI2-TPS22941 Datasheet
768Kb / 25P
TPS2294x Low-input-voltage Current-limited Load Switches With Shut Off And Auto- Restart Feature
REVISED JULY 2014
TPS22941DCKR TI-TPS22941DCKR Datasheet
542Kb / 19P
LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22941DCKR TI-TPS22941DCKR Datasheet
542Kb / 19P
LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
More results


Similar Description - TPS22941

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22941 TI-TPS22941 Datasheet
542Kb / 19P
LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22946 TI-TPS22946 Datasheet
695Kb / 30P
ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
TPS22921 TI-TPS22921_10 Datasheet
925Kb / 27P
LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22941 TI-TPS22941_10 Datasheet
542Kb / 19P
LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22946 TI-TPS22946_10 Datasheet
459Kb / 26P
ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
logo
Powerbox
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
logo
STMicroelectronics
STEVAL-ISA057V1 STMICROELECTRONICS-STEVAL-ISA057V1 Datasheet
104Kb / 4P
Short-circuit protection based on auto-restart feature
12-Nov-2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com