Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22966DPUTG4.B Datasheet (PDF) - Texas Instruments

TPS22966DPUTG4.B Datasheet PDF - Texas Instruments
Part # TPS22966DPUTG4.B
Download  TPS22966DPUTG4.B Download
File Size   797.32 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch

TPS22966DPUTG4.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22966DPUTG4.B Datasheet PDF - Texas Instruments

Part # TPS22966DPUTG4.B
Download  TPS22966DPUTG4.B Click to download

File Size   797.32 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch

TPS22966DPUTG4.B Datasheet (HTML) - Texas Instruments


TPS22966DPUTG4.B Product details

1 Features
1• Input Voltage Range: 0.8 V to 5.5 V
• Integrated Dual-Channel Load Switch
• On-Resistance
– RON = 16 mΩ at VIN = 5 V (VBIAS = 5 V)
– RON = 16 mΩ at VIN = 3.6 V (VBIAS = 5 V)
– RON = 16 mΩ at VIN = 1.8 V (VBIAS = 5 V)
• 6-A Maximum Continuous Switch Current per
Channel
• Low Quiescent Current
– 80 μA (Both Channels)
– 60 μA (Single Channel)
• Low Control Input Threshold Enables Use of
1.2-, 1.8-, 2.5-, and 3.3-V Logic
• Configurable Rise Time
• Quick Output Discharge (QOD) (Optional)
• SON 14-Pin Package With Thermal Pad
• ESD Performance Tested per JESD 22
– 2-kV HBM and 1-kV CDM

2 Applications
• Ultrabook™
• Notebooks and Netbooks
• Tablet PCs
• Consumer Electronics
• Set-top Boxes and Residental Gateways
• Telecom Systems
• Solid-State Drives (SSD)

3 Description
The TPS22966 is a small, low RON, dual-channel load
switch with controlled turnon. The device contains two
N-channel MOSFETs that can operate over an input
voltage range of 0.8 V to 5.5 V and can support a
maximum continuous current of 6 A per channel.
Each switch is independently controlled by an on and
off input (ON1 and ON2), which can interface directly
with low-voltage control signals. In TPS22966, a 220-
Ω on-chip load resistor is added for quick-output
discharge when switch is turned off.
The TPS22966 is available in a small, space-saving
2-mm × 3-mm 14-SON package (DPU) with
integrated thermal pad allowing for high power
dissipation. The device is characterized for operation
over the free-air temperature range of –40°C to
+105°C.




Similar Part No. - TPS22966DPUTG4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22966DPUTG4.B TI2-TPS22966DPUTG4.B Datasheet
791Kb / 30P
TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch
REVISED JULY 2016
More results


Similar Description - TPS22966DPUTG4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com