Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23882B Datasheet (PDF) - Texas Instruments

TPS23882B Datasheet PDF - Texas Instruments
Part # TPS23882B
Download  TPS23882B Download
File Size   2989.92 Kbytes
Page   146 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS23881B Type-4 4-Pair 8-Channel PoE 2 PSE Controller with Autonomous Mode and 200 mΩ RSENSE

TPS23882B Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS23882B Datasheet PDF - Texas Instruments

Part # TPS23882B
Download  TPS23882B Click to download

File Size   2989.92 Kbytes
Page   146 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS23881B Type-4 4-Pair 8-Channel PoE 2 PSE Controller with Autonomous Mode and 200 mΩ RSENSE

TPS23882B Datasheet (HTML) - Texas Instruments


TPS23882B Product details

1 Features
• IEEE 802.3bt PSE solution for PoE 2 Type 3 or
Type 4 power over ethernet applications
• Eight independent PSE channels
• Resistor selectable autonomous operation
– No external MCU required
• Compatible with TI's FirmPSE system firmware
• SRAM Programmable memory
• Programmable power limiting accuracy ±2.5%
• 200mΩ current sense resistor
• Legacy PD capacitance measurement
• Selectable 2-pair or 4-pair port power allocations
– 15.4W, 30W, 45W, 60W, 75W or 90W
• Single and dual signature PD compatibility
• Dedicated 14-bit integrating current ADC per port
– Noise immune MPS for DC disconnect
– 2% current sensing accuracy
• 1- or 3-bit fast port shutdown input
• Auto-class discovery and power measurement
• Inrush and operational foldback protection
• Flexible processor controlled operating modes
– Auto, semi auto and manual / diagnostic
• Per port voltage monitoring and telemetry
• –40°C to +125°C temperature operation
• Ultra Low Alpha (ULA) packaging (TPS23881B1A)

2 Applications
• Video recorder (NVR, DVR, and so forth)
• Small business switch
• Campus and branch switches

3 Description
The TPS23881B is an 8-channel power sourcing
equipment (PSE) controller engineered to insert
power onto Ethernet cables in accordance with the
IEEE 802.3bt standard. The eight individual power
channels can be configured in any combination of
2-Pair (1-channel) or 4-Pair (2-channels) PoE Ports.
The PSE controller can detect powered devices
(PDs) that have a valid signature, complete mutual
identification, and apply power.
The TPS23881B improves on the TPS2388
with reduced current sense resistors, selectable
Autonomous operation, SRAM programmability,
programmable power limiting, capacitance
measurement, and compatibility with TI's FirmPSE
system firmware (see Device Comparison Table).
Programmable SRAM enables in-field firmware
upgradability over I2C to ensure IEEE compliance and
interoperability with the latest PoE enabled devices.
Dedicated per port ADCs provide continuous port
current monitoring and the ability to perform parallel
classification measurements for faster port turn on
times. A ±2.5% accurate programmable port power
limit provides the ability to expand the maximum
power sourced from 90W to upwards of 125W. The
200mΩ current sense resistor and external FET
architecture allow designs to balance size, efficiency,
thermal and solution cost requirements.




Similar Part No. - TPS23882B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23882B TI-TPS23882B Datasheet
3Mb / 126P
TPS23882B Type-3 2-Pair 8-Channel PSE Controller with Autonomous Mode, SRAM, and 200-m廓 RSENSE
TPS23882B1RTQR TI-TPS23882B1RTQR Datasheet
3Mb / 126P
TPS23882B Type-3 2-Pair 8-Channel PSE Controller with Autonomous Mode, SRAM, and 200-m廓 RSENSE
More results


Similar Description - TPS23882B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
8-Port PoE/PoE/LTPoE PSE Controller
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Texas Instruments
TPS23881 TI1-TPS23881 Datasheet
1Mb / 126P
High-Power, 8-Channel, Power-Over-Ethernet PSE With 200-m廓 RSENSE
TPS23881 TI1-TPS23881_19 Datasheet
1Mb / 121P
High-Power, 8-Channel, Power-Over-Ethernet PSE With 200-m廓 RSENSE
TPS23882 TI1-TPS23882 Datasheet
2Mb / 121P
TPS23882 Type-3 2-Pair 8-Channel PoE PSE Controller with SRAM and 200 m廓 RSENSE
TPS23882B TI-TPS23882B Datasheet
3Mb / 126P
TPS23882B Type-3 2-Pair 8-Channel PSE Controller with Autonomous Mode, SRAM, and 200-m廓 RSENSE
logo
Microchip Technology
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Microchip Technology
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com