Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25221DBVR Datasheet (PDF) - Texas Instruments

TPS25221DBVR Datasheet PDF - Texas Instruments
Part # TPS25221DBVR
Download  TPS25221DBVR Download
File Size   1783.76 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25221 2.5-V to 5.5-V, 2-A Continuous Current Limited Switch

TPS25221DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25221DBVR Datasheet PDF - Texas Instruments

Part # TPS25221DBVR
Download  TPS25221DBVR Click to download

File Size   1783.76 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25221 2.5-V to 5.5-V, 2-A Continuous Current Limited Switch

TPS25221DBVR Datasheet (HTML) - Texas Instruments


TPS25221DBVR Product details

1 Features
• 2.5-V to 5.5-V VOPERATING
• Pin-to-Pin with TPS2553
• 2-A ICONT_MAX
• 0.275-A to 2.7-A Adjustable ILIMIT (±6.5% at 1.7 A)
• 70-mΩ (typical) RON
• 1.5-μs Short Circuit Response
• 8-ms Fault Reporting Deglitch
• Reverse Current Blocking (when disabled)
• Built-In Soft Start
• UL 60950 and UL 62368 Recognition
• 15-kV ESD Protection per IEC 61000-4-2 (with
external capacitance)

2 Applications
• USB Ports/Hubs, Laptops, Desktops
• HDTV
• Set Top Boxes
• Optical Socket Protection

3 Description
The TPS25221 is intended for applications where
heavy capacitive loads and short circuits may be
encountered. The programmable current-limit
threshold maybe set between 275 mA and 2.7 A
(typical) using an external resistor. ILIMIT accuracy as
tight as ±6% can be achieved at the higher currentlimit
settings. Power-switch rise and fall times are
controlled to minimize current surges during turn on
and turn off.
When a load attempts to draw current exceeding the
programmed ILIMIT the internal FET enters constant
current mode in order to keep ILOAD at or below ILIMIT.
The FAULT output will assert low during over-current
conditions after the built in de-glitch time.




Similar Part No. - TPS25221DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25221DBVR TI1-TPS25221DBVR Datasheet
2Mb / 35P
2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
More results


Similar Description - TPS25221DBVR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
AD5339BRMZ AD-AD5339BRMZ Datasheet
593Kb / 28P
2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5305 AD-AD5305_06 Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
logo
Texas Instruments
TPS25221 TI1-TPS25221 Datasheet
1Mb / 27P
2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
TPS25221 TI1-TPS25221_18 Datasheet
2Mb / 35P
2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950_V01 Datasheet
1Mb / 26P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950_V02 Datasheet
1Mb / 29P
TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com