Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25921AD Datasheet (PDF) - Texas Instruments

TPS25921AD Datasheet PDF - Texas Instruments
Part # TPS25921AD
Download  TPS25921AD Download
File Size   1837.73 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25921x 4.5V - 18V eFuse with Precise Current Limit and Over Voltage Protection

TPS25921AD Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25921AD Datasheet PDF - Texas Instruments

Part # TPS25921AD
Download  TPS25921AD Click to download

File Size   1837.73 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25921x 4.5V - 18V eFuse with Precise Current Limit and Over Voltage Protection

TPS25921AD Datasheet (HTML) - Texas Instruments


TPS25921AD Product details

1 Features
1• 4.5 V – 18 V Operating Voltage, 20 V (Max)
• 90 mΩ R DS(ON) (Typical)
• 0.4 A to 1.6 A Adjustable Current Limit
• ±2% Accurate ILIMIT at 1A at 25°C
• ±3% Overvoltage, Undervoltage Threshold
• Programmable dVO/dt Control
• Fault Output for Thermal Shutdown, UVLO and
OVP
• -40°C to 125°C Junction Temperature Range
• Auto-Retry and Latch-Off Versions
• UL2367 Recognized - File No. E169910
• UL60950 - Safe during Single Point Failure Test

2 Applications
• White Goods, Appliances
• Set Top Boxes, DVD and Gaming Consoles
• HDD and SSD drives
• Smart Meters, Gas Analyzers
• Smart Load Switch
• USB Switch
• Adapter Power Devices

3 Description
The TPS25921 is a compact, feature rich eFuse with
a full suite of protection functions. The wide operating
voltage allows control of many popular DC buses.
The precise ±2% current limit, at room temperature,
provides excellent accuracy making the TPS25921
well suited for many system protection applications.
Load, source and device protection are provided with
multiple programmable features including overcurrent,
overvoltage and undervoltage. 3% threshold accuracy for UV and OV, ensures tight supervision of bus
voltages, eliminating the need for supervisor circuitry.
Fault flag output (FLT) is provided for system status
monitoring and down stream load control.
For hot-plug-in boards, TPS25921 provides in-rush
current control and programmable output ramp-rate.
Output ramp rate is programmable using a capacitor at soft-start (SS) pin, for maximum design flexibility.




Similar Part No. - TPS25921AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
Precise Current Limit and Over Voltage Protection
More results


Similar Description - TPS25921AD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5010A MPS-MP5010A Datasheet
808Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
MP5010B MPS-MP5010B Datasheet
520Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
Precise Current Limit and Over Voltage Protection
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
5V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
12V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
5-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com