Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS259480AYWPR Datasheet (PDF) - Texas Instruments

TPS259480AYWPR Datasheet PDF - Texas Instruments
Part # TPS259480AYWPR
Download  TPS259480AYWPR Download
File Size   4467.41 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-directional Power Delivery

TPS259480AYWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS259480AYWPR Datasheet PDF - Texas Instruments

Part # TPS259480AYWPR
Download  TPS259480AYWPR Click to download

File Size   4467.41 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-directional Power Delivery

TPS259480AYWPR Datasheet (HTML) - Texas Instruments


TPS259480AYWPR Product details

1 Features
• Wide operating input voltage range: 3.5V to 23V
– 28V absolute maximum
– Can be powered from either IN or OUT
• Integrated back-to-back FETs with low ONresistance:
RON = 12.2mΩ (typ)
• Ideal diode operation with true reverse current
blocking (RCB)
– External pin control (RCBCTRL) to disable
RCB and allow bi-directional power delivery
in steady-state to support USB OTG or DRP
operation
• Fast overvoltage protection
– Adjustable overvoltage lockout (OVLO) with
1μs (typ) response time
• Overcurrent protection with load current monitor
output (ILM)
– Active current limit response
– Adjustable threshold (ILIM) 1A–9A
• ±10% accuracy (max) for ILIM > 3A
– Adjustable transient blanking timer (ITIMER) to
allow peak currents > ILIM
– Output load current monitor accuracy: ±6%
(typ) (IOUT ≥ 3A)
• Fast-trip response for short-circuit protection
– < 1μs (typ) response time
– Adjustable and fixed thresholds
• Active high enable input with adjustable
undervoltage lockout threshold (UVLO)
• Adjustable output slew rate control (dVdt)
• Overtemperature protection
• Digital outputs: Supply Good (SPLYGD/SPLYGD)
and Fault Indication (FLT)
• UL 2367 recognition (planned)
• IEC 62368-1 CB certification (planned)
• IEC 61000-4-5: 28V on IN
• Small footprint: PowerWCSP 2.4mm × 1.7mm,
0.5mm pitch

2 Applications
• Adapter and charger input protection
• USB PD protection: smartphone, tablet, PC,
notebook, monitor, dock
• Server motherboard, add-on cards
• Enterprise storage: HBA, SAN, and eSSD
• Power MUXing and ORing

3 Description
The TPS25948xx family of eFuses is a highly
integrated, circuit-protection and power-management
solution in a small package. The devices
provide multiple protection modes that use few
external components and are a robust defense
against overloads, short-circuits, voltage surges and
excessive inrush current. With integrated back-toback
FETs, reverse current flow from output to input
is blocked at all times, making the devices well suited
for power MUX and ORing applications, as well as
systems that need load side energy hold up storage
if input power supply fails. The devices use a linear
ORing based scheme to ensure almost zero DC
reverse current and emulate ideal diode behavior with
minimum forward voltage drop and power dissipation.
The devices also provide an external pin control
option to disable the reverse current blocking and
allow bi-directional power delivery in steady-state.
Output slew rate and inrush current can be adjusted
using a single external capacitor. Loads are protected
from input overvoltage conditions by cutting off the
output if input exceeds an adjustable overvoltage
threshold. The devices respond to output overload by
actively limiting the current. The output current limit
threshold as well as the transient overcurrent blanking
timer are user adjustable. The current limit control pin
also functions as an analog load current monitor.
The devices are available in a 2.4mm × 1.7mm, 12-
ball power wafer chip scale package (PowerWCSP)
for improved thermal performance and reduced
system footprint.
The devices are characterized for operation over a
junction temperature range of –40°C to +125°C.




Similar Part No. - TPS259480AYWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS259480AYWPR TI-TPS259480AYWPR Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
REVISED SEPTEMBER 2023
TPS259480AYWPR TI2-TPS259480AYWPR Datasheet
4Mb / 67P
TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-Directional Power Delivery
REVISED APRIL 2026
TPS259480AYWPR.A TI2-TPS259480AYWPR.A Datasheet
4Mb / 67P
TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-Directional Power Delivery
REVISED APRIL 2026
More results


Similar Description - TPS259480AYWPR

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
T8A6CI KEC-T8A6CI Datasheet
82Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 8A MOLD TRIAC (AC POWER CONTROL)
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
logo
Maxim Integrated Produc...
MAX77962EVKIT-06 MAXIM-MAX77962EVKIT-06 Datasheet
2Mb / 17P
Demonstrates 3.5V to 23V Input Operating Range
319-100555; Rev 0; 6/20
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
logo
Richtek Technology Corp...
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
logo
Texas Instruments
TPS25948 TI-TPS25948_V01 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
REVISED SEPTEMBER 2023
logo
JOULWATT
JW5068A JW-JW5068A Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.5
JW5068C JW-JW5068C Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com