Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC6675BZ Datasheet (PDF) - ON Semiconductor

FDMC6675BZ Datasheet PDF - ON Semiconductor
Part # FDMC6675BZ
Download  FDMC6675BZ Download
File Size   449.04 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel PowerTrench® MOSFET -30 V, -20 A, 14.4 mΩ

FDMC6675BZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMC6675BZ Datasheet PDF - ON Semiconductor

Part # FDMC6675BZ
Download  FDMC6675BZ Click to download

File Size   449.04 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel PowerTrench® MOSFET -30 V, -20 A, 14.4 mΩ

FDMC6675BZ Datasheet (HTML) - ON Semiconductor


FDMC6675BZ Product details

Features
Max rDS(on) = 14.4 mΩ at VGS = -10 V, ID = -9.5 A
Max rDS(on) = 27.0 mΩ at VGS = -4.5 V, ID = -6.9 A
HBM ESD protection level of 8 kV typical(note 3)
Extended VGSS range (-25 V) for battery applications
High performance trench technology for extremely low rDS(on)
High power and current handling capability
Termination is Lead-free and RoHS Compliant

General Description
The FDMC6675BZ has been designed to minimize losses in load switch applications. Advancements in both silicon and package technologies have been combined to offer the lowest rDS(on) and ESD protection.

Application
Load Switch in Notebook and Server
Notebook Battery Pack Power Management




Similar Part No. - FDMC6675BZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC6675BZ FAIRCHILD-FDMC6675BZ Datasheet
291Kb / 7P
P-Channel Power Trench짰 MOSFET -30 V, -20 A, 14.4 m廓
More results


Similar Description - FDMC6675BZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
30 Volt P-Channel PowerTrench MOSFET
FDMC6675BZ FAIRCHILD-FDMC6675BZ Datasheet
291Kb / 7P
P-Channel Power Trench짰 MOSFET -30 V, -20 A, 14.4 m廓
FDMA507PZ FAIRCHILD-FDMA507PZ Datasheet
308Kb / 7P
Single P-Channel PowerTrench MOSFET -20 V, -7.8 A, 24 mOhm
logo
ON Semiconductor
NTLJS14D0P03P8Z ONSEMI-NTLJS14D0P03P8Z Datasheet
378Kb / 8P
MOSFET ??Single, P-Channel, POWERTRENCH -30 V, -11 A, 13.5 m
May, 2021-Rev. 0
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
NTTFS007P02P8 ONSEMI-NTTFS007P02P8 Datasheet
249Kb / 6P
MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 6.5 m
April, 2023 - Rev. 0
NTTFS004P02P8 ONSEMI-NTTFS004P02P8 Datasheet
321Kb / 7P
MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 4 m
June, 2023 - Rev. 0
logo
Fairchild Semiconductor
FDMC7200 FAIRCHILD-FDMC7200 Datasheet
417Kb / 11P
Dual N-Channel PowerTrench® MOSFET 30 V, 12 mΩ and 23.5 mΩ
Rev.D1 June 2009
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com