Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3683-SEP Datasheet (PDF) - Texas Instruments

ADC3683-SEP Datasheet PDF - Texas Instruments
Part # ADC3683-SEP
Download  ADC3683-SEP Download
File Size   4384.32 Kbytes
Page   81 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC3683-SEP ADC3683-EP 18-bit 65MSPS Low Noise Low Power Dual Channel ADC

ADC3683-SEP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3683-SEP Datasheet PDF - Texas Instruments

Part # ADC3683-SEP
Download  ADC3683-SEP Click to download

File Size   4384.32 Kbytes
Page   81 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC3683-SEP ADC3683-EP 18-bit 65MSPS Low Noise Low Power Dual Channel ADC

ADC3683-SEP Datasheet (HTML) - Texas Instruments


ADC3683-SEP Product details

1 Features
• Radiation tolerant (-SEP only):
– Single-event latch-up (SEL) immune up to LET
= 43 MeV-cm2/mg
– Single-event functional interrupt (SEFI)
characterized up to LET = 43 MeV-cm2/mg
– Total ionizing dose (TID): 30 krad(Si)
• Enhanced product (-EP and -SEP):
– Meets ASTM E595 outgassing specification
– Vendor item drawing (VID)
– Temperature range: –55°C to 105°C
– One fabrication, assembly, and test site
– Gold bond wire, NiPdAu lead finish
– Wafer lot traceability
– Extended product life cycle
• Dual channel, 65 MSPS ADC
• 18-bit resolution (no missing codes)
• Noise floor: -160 dBFS/Hz
• Low power 94 mW/ch (at 65MSPS)
• Latency: 1-2 clock cycles
• INL: ±7, DNL: ±0.7 LSB (typical)
• Reference options: external or internal
• On-chip DSP (optional/bypassable)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• Serial LVDS digital interface (2-, 1- and 1/2-wire)
• Small footprint: 40-QFN (5x5 mm) package
• Spectral performance (fIN = 5MHz):
– SNR: 83.8dBFS
– SFDR: 89dBc HD2, HD3
– SFDR: 101dBFS Worst spur

2 Applications
• Satellite optical communications payloads
• Satellite imaging payloads
• Satellite communication payloads
• Satellite RADAR and LIDAR payloads

3 Description
The ADC3683-xEP is a low noise, ultra-low power 18-
bit 65MSPS high-speed dual channel ADC. Designed
for lowest noise performance, the device delivers
a noise spectral density of -160dBFS/Hz combined
with linearity and dynamic range. The ADC3683-
xEP offers excellent DC precision together with IF
sampling support. Making the device designed for a
wide range of applications. High-speed control loops
benefit from the short latency as low as only 1 clock
cycle. The ADC consumes only 94mW/ch at 65Msps,
and the power consumption scales well with lower
sampling rates
The ADC3683-xEP uses a serial LVDS (SLVDS)
interface to output the data which minimizes the
number of digital interconnects. The device supports
two-lane, one-lane and half-lane options. The device
is available in a 40-pin QFN package (5 mm x 5 mm)
and supports the extended temperature range from
-55 to +105⁰C




Similar Part No. - ADC3683-SEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3683-SEP TI1-ADC3683-SEP Datasheet
4Mb / 79P
ADC3683-SEP ADC3683-EP 18-bit 65MSPS Low Noise Low Power Dual Channel ADC
FEBRUARY 2025
More results


Similar Description - ADC3683-SEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
12-Bit, 65Msps Low Noise ADC
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
14-Bit, 65Msps Low Noise ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
12-Bit, 65Msps Low Noise ADC
LTC1742 LINER-LTC1742_15 Datasheet
577Kb / 20P
14-Bit, 65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
Dual-Channel, 8-Bit, 65Msps ADC
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com