Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR010503 Datasheet (PDF) - Texas Instruments

DCR010503 Datasheet PDF - Texas Instruments
Part # DCR010503
Download  DCR010503 Download
File Size   1334.25 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DCR01 Series, 1-W, 1000-VRMS Isolated, Regulated DC/DC Converter Modules

DCR010503 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCR010503 Datasheet PDF - Texas Instruments

Part # DCR010503
Download  DCR010503 Click to download

File Size   1334.25 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DCR01 Series, 1-W, 1000-VRMS Isolated, Regulated DC/DC Converter Modules

DCR010503 Datasheet (HTML) - Texas Instruments


DCR010503 Product details

1 Features
• 1-kV isolation (operational): 1-second test
• Continuous voltage applied across isolation
barrier: 60 VDC, 42.5 VAC
• UL1950 recognized component
• 10-pin PDIP and 12-pin SOP packages
• Input voltage: 5 V, 12 V, or 24 V
• Output voltage: 3.3 V or 5 V
• Device-to-device synchronization
• 400-kHz switching frequency
• Short-circuit protection
• Thermal protection
• High efficiency
• 125 FITs at 55°C

2 Applications
• Point-of-use power conversion
• Digital interface power
• Ground loop elimination
• Power-supply noise reduction

3 Description
The DCR01 family is a series of high-efficiency,
input-isolated, output-regulated DC/DC converters. In
addition to 1-W nominal, galvanically-isolated output
power capability, this range of DC/DC converters offer
very low output noise, thermal protection, and high
accuracy.
This combination of features and small size makes
the DCR01 series of devices suitable for a wide
range of applications, and is an easy-to-use solution
in applications requiring signal path isolation.




Similar Part No. - DCR010503

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR010503 BURR-BROWN-DCR010503 Datasheet
151Kb / 9P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503 TI1-DCR010503 Datasheet
778Kb / 28P
1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
DCR010503 TI2-DCR010503 Datasheet
1Mb / 31P
DCR01 Series, 1-W, 1000-VRMS Isolated, Regulated DC/DC Converter Modules
REVISED JULY 2022
logo
Burr-Brown (TI)
DCR010503P BURR-BROWN-DCR010503P Datasheet
151Kb / 9P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR010503P BURR-BROWN-DCR010503P Datasheet
326Kb / 18P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results


Similar Description - DCR010503

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
1-W, Isolated, Unregulated DC/DC Converter Modules
DCR010503 TI1-DCR010503 Datasheet
778Kb / 28P
1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Vicor Corporation
DCM3623X50M04A2YZZ VICOR-DCM3623X50M04A2YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T17A6YZZ VICOR-DCM3623X50T17A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T26A6YZZ VICOR-DCM3623X50T26A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T31A6YZZ VICOR-DCM3623X50T31A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
Isolated, Regulated DC-DC Converter Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com