Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDVD5V0H4-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESDVD5V0H4-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESDVD5V0H4-TP
Download  ESDVD5V0H4-TP Download
File Size   1268.76 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactiance 4-Line TVS Array

ESDVD5V0H4-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDVD5V0H4-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESDVD5V0H4-TP
Download  ESDVD5V0H4-TP Click to download

File Size   1268.76 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactiance 4-Line TVS Array

ESDVD5V0H4-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESDVD5V0H4-TP Product details

Features
Ultra low capacitance: 0.3pF typical (I/O to I/O)
Ultra low leakage: nA level
# Low operating voltage: 5V
# Low clamping voltage
® Upto 4 data lines and one power line protects
# Complies with following standards:
~ IEC 61000-4-2 (ESD) immunity test
Air discharge: +25kV/
Contact discharge: +20kV
—IEC61000-4-4 (EFT) 40A (5/50ns)
— IEC61000-4-5 (Lightning) : 4.7A(8/20ps)
4 ROHS Compliant




Similar Part No. - ESDVD5V0H4-TP

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
ESDVD5V0H4 JIANGSU-ESDVD5V0H4 Datasheet
7Mb / 6P
Uni-direction ESD Protection Diode
More results


Similar Description - ESDVD5V0H4-TP

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SRV05-4 TECHPUBLIC-SRV05-4 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPAZC199-04S TECHPUBLIC-TPAZC199-04S Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPCM1293A-04SO TECHPUBLIC-TPCM1293A-04SO Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPIP4220CZ6 TECHPUBLIC-TPIP4220CZ6 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPNUP4114HMR6T1G TECHPUBLIC-TPNUP4114HMR6T1G Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPRCLAMP0504F TECHPUBLIC-TPRCLAMP0504F Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPSRV05-4HTG TECHPUBLIC-TPSRV05-4HTG Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPUSBLC6-4SC6 TECHPUBLIC-TPUSBLC6-4SC6 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
RCLAMP0504FATCT TECHPUBLIC-RCLAMP0504FATCT Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
logo
Guangdong Youtai Semico...
IP4220CZ6 UMW-IP4220CZ6 Datasheet
725Kb / 4P
Low Capactiance 4-Line TVS Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com