Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS543B20 Datasheet (PDF) - Texas Instruments

TPS543B20 Datasheet PDF - Texas Instruments
Part # TPS543B20
Download  TPS543B20 Download
File Size   5230.84 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS543B20 4-VIN to 19-VIN, 25-A Stackable, Synchronous Step-Down SWIFT™ Converter With Adaptive Internal Compensation

TPS543B20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS543B20 Datasheet PDF - Texas Instruments

Part # TPS543B20
Download  TPS543B20 Click to download

File Size   5230.84 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS543B20 4-VIN to 19-VIN, 25-A Stackable, Synchronous Step-Down SWIFT™ Converter With Adaptive Internal Compensation

TPS543B20 Datasheet (HTML) - Texas Instruments


TPS543B20 Product details

1 Features
1• Internally-Compensated Advanced Current Mode
Control 25-A POL
• Input Voltage Range: 4 V to 19 V
• Output Voltage Range: 0.6 V to 5.5 V
• Integrated 4.1/1.9-mΩ Stacked NexFET™ Power
Stage With Lossless Low-Side Current Sensing
• Fixed Frequency - Synchronization to an External
Clock and/or Sync Out
• Pin Strapping Programmable Switching Frequency
– 300 kHz to 2 MHz for Standalone
– 300 kHz to 1 MHz for Stackable
• Stack 2× for up to 50 A With Current Share,
Voltage Share, and CLK Sync
• Pin Strapping Programmable Reference from 0.6
V to 1.1 V With 0.5% Accuracy
• Differential Remote Sensing
• Safe Start-Up into Prebiased Output
• High-Accuracy Hiccup Current Limit
• Asynchronous Pulse Injection (API) and Body
Braking
• 40-pin, 5-mm × 7-mm LQFN Package with 0.5-
mm Pitch and Single Thermal Pad
• Create a Custom Design Using the TPS543B20
With the WEBENCH® Power Designer

2 Applications
• Wireless and Wired Communications
Infrastructure Equipment
• Enterprise Servers, Switches, and Routers
• Enterprise Storage, SSD
• ASIC, SoC, FPGA, DSP Core, and I/O Rails

3 Description
The TPS543B20 employs an internally compensated
emulated peak-current-mode control, with a clock
synchronizable, fixed-frequency modulator for EMIsensitive
POL. The internal integrator and directly
amplifying ramp tracking loop eliminate the need for
external compensation over a wide range of
frequencies thereby making the system design
flexible, dense, and simple. Optional API and body
braking help improve transient performance by
significantly reducing undershoot and overshoot,
respectively. Integrated NexFET™ MOSFETs with
low-loss switching facilitate high efficiency and deliver
up to 25 A in a 5-mm × 7-mm PowerStack™ package
with a layout friendly thermal pad. Two TPS543B20
devices can be stacked together to provide up to 50-
A point-of-load.




Similar Part No. - TPS543B20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543B20 TI1-TPS543B20 Datasheet
1Mb / 33P
4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS543B20 TI2-TPS543B20 Datasheet
6Mb / 47P
TPS543C20 4-VIN to 14-VIN, 40-A Stackable, Synchronous Step-Down SWIFT™ Converter With Adaptive Internal Compensation
REVISED MAY 2018
TPS543B20 TI2-TPS543B20 Datasheet
5Mb / 47P
TPS543C20A 4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT™ Converter With Adaptive Internal Compensation
DECEMBER 2018
TPS543B20RVFR TI1-TPS543B20RVFR Datasheet
1Mb / 33P
4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS543B20RVFT TI1-TPS543B20RVFT Datasheet
1Mb / 33P
4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
More results


Similar Description - TPS543B20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
6-A Synchronous Step Down SWIFT Converter
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
15-A Synchronous Step-Down SWIFT Converter
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS543C20 TI1-TPS543C20 Datasheet
7Mb / 48P
4 Vin to 16 Vin, 40-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS543B20 TI1-TPS543B20 Datasheet
1Mb / 33P
4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS543C20A TI1-TPS543C20A Datasheet
5Mb / 44P
4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
TPS54J060 TI-TPS54J060 Datasheet
2Mb / 37P
TPS54J060 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.9-V Reference
TPS54J061 TI-TPS54J061 Datasheet
2Mb / 38P
TPS54J061 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.6-V Reference
TPS541620 TI-TPS541620 Datasheet
4Mb / 53P
TPS541620 4.5-V to 15-V, Dual 6-A / Single 12-A, Synchronous Step-Down SWIFT??Converter With Internal Compensation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com