Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56C230 Datasheet (PDF) - Texas Instruments

TPS56C230 Datasheet PDF - Texas Instruments
Part # TPS56C230
Download  TPS56C230 Download
File Size   1246.94 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS56C230 4.5-V to 18-V, 12-A Synchronous Step-Down Converter

TPS56C230 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS56C230 Datasheet PDF - Texas Instruments

Part # TPS56C230
Download  TPS56C230 Click to download

File Size   1246.94 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS56C230 4.5-V to 18-V, 12-A Synchronous Step-Down Converter

TPS56C230 Datasheet (HTML) - Texas Instruments


TPS56C230 Product details

1 Features
• Input voltage range: 4.5 V to 18 V
• Output voltage range: 0.6 V to 5.5 V
• Supports 12-A continuous output current
• D-CAP3™ architecture control for fast transient
response
• ±1% feedback voltage accuracy (25°C)
• Integrated 17-mΩ and 5.9-mΩ FETs
• Selectable Eco-mode™ and Forced Continuous
Conductive Mode (FCCM) by MODE pin
• 500-kHz switching frequency
• Adjustable soft-start time with default 1.2 ms
• Integrated Power Good indicator
• Built-in output discharge function
• Cycle-by-cycle over current protection
• Non-latched over-voltage, under-voltage, overtemperature
and under voltage lock-out
protections
• -40°C to 125°C Operating Junction Temperature
• 20-pin 3.0-mm × 3.0-mm HotRod™ VQFN
package
• Pin to pin compatible with 8-A TPS568230
• Create a Custom Design Using the TPS56C230
With the WEBENCH® Power Designer

2 Applications
• DTV and Set-top box
• PC and Industrial PC
• Wired networking
• Distributed power systems

3 Description
The TPS56C230 is a high efficiency synchronous
buck converter with integrated FETs. System
designers can use the device in a wide variety of
applications since it draws low standby current and
requires few external components.
The TPS56C230 employs D-CAP3 control that
provides fast transient response and excellent line
and load regulation with internal compensation. It also
has a proprietary circuit that enables the device to
support low equivalent series resistance (ESR) output
capacitors such as specialty polymer and ultra-low
ESR ceramic capacitors.
TPS56C230‘s MODE pin can be used to set Ecomode
or FCCM mode for light-load operation. Ecomode
maintains high efficiency during light load
operation, and FCCM mode operations keeps output
ripple small at light load. The device supports both
internal and external soft-start time option. It has an
internal fixed soft-start time 1.2 ms, but if the
application needs a longer soft-start time, the external
SS pin can be used to achieve it by connecting a
external capacitor.
The TPS56C230 integrates power good indicator and
provides output discharge function. It provides
complete protection including OVP, UVP, OCP, OTP
and UVLO. The device is available in a 20-pin 3.0-
mm x 3.0-mm HotRod package and the junction
temperature is specified from –40°C to 125°C.




Similar Part No. - TPS56C230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56C230 TI1-TPS56C230 Datasheet
1Mb / 29P
4.5-V to 18-V, 12-A synchronous step-down voltage regul
TPS56C230 TI1-TPS56C230 Datasheet
1Mb / 31P
TPS56C230 4.5-V to 18-V, 12-A Synchronous Step-Down Converter
TPS56C230RJER TI1-TPS56C230RJER Datasheet
1Mb / 31P
TPS56C230 4.5-V to 18-V, 12-A Synchronous Step-Down Converter
TPS56C230 TI1-TPS56C230_V01 Datasheet
1Mb / 31P
TPS56C230 4.5-V to 18-V, 12-A Synchronous Step-Down Converter
More results


Similar Description - TPS56C230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53515 TI1-TPS53515 Datasheet
1Mb / 33P
1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS56C230 TI1-TPS56C230 Datasheet
1Mb / 29P
4.5-V to 18-V, 12-A synchronous step-down voltage regul
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS56C230 TI1-TPS56C230_V01 Datasheet
1Mb / 31P
TPS56C230 4.5-V to 18-V, 12-A Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com