Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A16 Datasheet (PDF) - Texas Instruments

TPS7A16 Datasheet PDF - Texas Instruments
Part # TPS7A16
Download  TPS7A16 Download
File Size   1599.82 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A16 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good

TPS7A16 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A16 Datasheet PDF - Texas Instruments

Part # TPS7A16
Download  TPS7A16 Click to download

File Size   1599.82 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A16 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good

TPS7A16 Datasheet (HTML) - Texas Instruments


TPS7A16 Product details

1 Features
1• Wide Input Voltage Range: 3 V to 60 V
• Ultralow Quiescent Current: 5 μA
• Quiescent Current at Shutdown: 1 μA
• Output Current: 100 mA
• Low Dropout Voltage: 60 mV at 20 mA
• Accuracy: 2%
• Available in:
– Fixed Output Voltage: 3.3 V, 5 V
– Adjustable Version from 1.2 V to 18.5 V
• Power-Good With Programmable Delay
• Current Limit and Thermal Shutdown Protections battery•
Stable with Ceramic Output Capacitors:
≥ 2.2 μF
• Packages: High Thermal Performance MSOP-8
and SON-8 PowerPAD™
• Operating Temperature Range:
–40°C to 125°C

2 Applications
• Power Supplies for Notebook PCs, Digital TVs,
and Private LAN Systems
• High Cell-Count Battery Packs for Power Tools
and other Battery-Powered Microprocessor and
Microcontroller Systems
• Car Audio, Navigation, Infotainment, and Other
Automotive Systems
• Smoke and CO2 Detectors and Battery-Powered
Alarm and Security Systems

3 Description
The TPS7A16 family of ultralow power, low-dropout
(LDO) voltage regulators offers the benefits of ultra- low quiescent current, high input voltage and
miniaturized, high thermal-performance packaging.
The TPS7A16 family is designed for continuous or
sporadic (power backup) battery-powered
applications where ultralow quiescent current is
critical to extending system battery life.
The TPS7A16 family offers an enable pin (EN)
compatible with standard CMOS logic and an integrated open drain active-high power good output
(PG) with a user-programmable delay. These pins are
intended for use in microcontroller-based, battery•
powered applications where power-rail sequencing is
required.
In addition, the TPS7A16 is ideal for generating a
low-voltage supply from multicell solutions ranging
from high cell-count power-tool packs to automotive
applications; not only can this device supply a well-
regulated voltage rail, but it can also withstand and
maintain regulation during voltage transients. These
features translate to simpler and more cost-effective,
electrical surge-protection circuitry.




Similar Part No. - TPS7A16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
TPS7A16 TI-TPS7A16 Datasheet
1Mb / 32P
TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16-Q1 TI1-TPS7A16-Q1 Datasheet
1Mb / 29P
60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
More results


Similar Description - TPS7A16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com